전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VL53L3CX 데이터시트(PDF) 28 Page - STMicroelectronics

부품명 VL53L3CX
상세설명  Time-of-Flight ranging sensor with multi target detection
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L3CX 데이터시트(HTML) 28 Page - STMicroelectronics

Back Button VL53L3CX Datasheet HTML 24Page - STMicroelectronics VL53L3CX Datasheet HTML 25Page - STMicroelectronics VL53L3CX Datasheet HTML 26Page - STMicroelectronics VL53L3CX Datasheet HTML 27Page - STMicroelectronics VL53L3CX Datasheet HTML 28Page - STMicroelectronics VL53L3CX Datasheet HTML 29Page - STMicroelectronics VL53L3CX Datasheet HTML 30Page - STMicroelectronics VL53L3CX Datasheet HTML 31Page - STMicroelectronics VL53L3CX Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
8.6
Handling and storage precautions
8.6.1
Shock precaution
Sensor modules house numerous internal components that are susceptible to shock damage. If a unit is subject
to excessive shock, is dropped on the floor, or a tray/reel of units is dropped on the floor, it must be rejected, even
if no apparent damage is visible.
8.6.2
Part handling
Handling must be done with non-marring ESD safe carbon, plastic, or teflon tweezers. Ranging modules are
susceptible to damage or contamination. The customer is advised to use a clean assembly process after
removing the tape from the parts, and until a protective cover glass is mounted.
The sensor apertures are protected by a liner. This liner must be removed to ensure proper performance in the
final device. The liner should be removed at the latest possible step of the assembly process to help protect the
sensor from foreign material during the assembly process.
8.6.3
Compression force
A maximum compressive load of 25 N should be applied on the module.
8.6.4
Moisture sensitivity level
Moisture sensitivity is level 3 (MSL) as described in IPC/JEDEC JSTD-020-C.
8.7
Storage temperature conditions
Table 16. Recommended storage conditions
Parameter
Min.
Typ.
Max.
Unit
Temperature (storage)
-40
23
85
°C
VL53L3CX
Handling and storage precautions
DS13204 - Rev 2
page 28/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com