전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VL53L3CX 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 VL53L3CX
상세설명  Time-of-Flight ranging sensor with multi target detection
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L3CX 데이터시트(HTML) 4 Page - STMicroelectronics

  VL53L3CX Datasheet HTML 1Page - STMicroelectronics VL53L3CX Datasheet HTML 2Page - STMicroelectronics VL53L3CX Datasheet HTML 3Page - STMicroelectronics VL53L3CX Datasheet HTML 4Page - STMicroelectronics VL53L3CX Datasheet HTML 5Page - STMicroelectronics VL53L3CX Datasheet HTML 6Page - STMicroelectronics VL53L3CX Datasheet HTML 7Page - STMicroelectronics VL53L3CX Datasheet HTML 8Page - STMicroelectronics VL53L3CX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
1.3
Device pinout
The figure below shows the pinout of the device.
Figure 2. Device pinout (bottom view)
AVDDVCSEL
2
AVSSVCSEL
3
GND
4
GND2
5
XSHUT
11
12
AVDD
10
SCL
9
SDA
8
DNC
7
GPIO1
6
1
GND3
GND4
Table 2. Device pin description
Pin number
Signal name
Signal type
Signal description
1
AVDDVCSEL
Supply
VCSEL supply, to be connected to main supply
2
AVSSVCSEL
Ground
VCSEL ground, to be connected to main ground
3
GND
To be connected to main ground
4
GND2
To be connected to main ground
5
XSHUT
Digital input
Xshutdown pin, active low
6
GND3
Ground
To be connected to main ground
7
GPIO1
Digital output
Interrupt output. Open drain output
8
DNC
Digital input
Do not connect, must be left floating
9
SDA
Digital input/output
I2C serial data
10
SCL
Digital input
I2C serial clock input
11
AVDD
Supply
Supply, to be connected to main supply
12
GND4
Ground
To be connected to main ground
Note:
AVSSVCSEL and GND are ground pins and can be connected together in the application schematics.
Note:
GND2, GND3, and GND4 are standard pins that we force to the ground domain in the application schematics to
avoid possible instabilities if set to other states.
VL53L3CX
Device pinout
DS13204 - Rev 2
page 4/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com