전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VR4102 데이터시트(PDF) 151 Page - NEC

부품명 VR4102
상세설명  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

VR4102 데이터시트(HTML) 151 Page - NEC

Back Button VR4102 Datasheet HTML 147Page - NEC VR4102 Datasheet HTML 148Page - NEC VR4102 Datasheet HTML 149Page - NEC VR4102 Datasheet HTML 150Page - NEC VR4102 Datasheet HTML 151Page - NEC VR4102 Datasheet HTML 152Page - NEC VR4102 Datasheet HTML 153Page - NEC VR4102 Datasheet HTML 154Page - NEC VR4102 Datasheet HTML 155Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 701 page
background image
CHAPTER 5 MEMORY MANAGEMENT SYSTEM
151
Caution
The value that can be set is different from that of the VR4100. Be sure to set the EP field and
the AD bit to 0. If they are set with any other values, the processor may behave unexpectedly.
5.5.7 Load Linked Address (LLAddr) Register (17)
The read/write Load Linked Address (LLAddr) register is a read/write register, and not used with the V R4102
processor except for diagnostic purpose, and serves no function during normal operation.
LLAddr register is implemented just for compatibility between the VR4102 and VR4000/VR4400.
Figure 5-18. LLAddr Register
0
31
PAddr
32
PAddr: 32-bit physical address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More