전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCS08 데이터시트(PDF) 94 Page - Motorola, Inc

부품명 HCS08
상세설명  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 데이터시트(HTML) 94 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 90Page - Motorola, Inc HCS08 Datasheet HTML 91Page - Motorola, Inc HCS08 Datasheet HTML 92Page - Motorola, Inc HCS08 Datasheet HTML 93Page - Motorola, Inc HCS08 Datasheet HTML 94Page - Motorola, Inc HCS08 Datasheet HTML 95Page - Motorola, Inc HCS08 Datasheet HTML 96Page - Motorola, Inc HCS08 Datasheet HTML 97Page - Motorola, Inc HCS08 Datasheet HTML 98Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 290 page
background image
Internal Clock Generator (ICG) Module
MC9S08GB/GT
94
MOTOROLA
6.4 Initialization/Application Information
6.4.1 Introduction
The section is intended to give some basic direction on which configuration a user would want to select
when initializing the ICG. For some applications, the serial communication link may dictate the accuracy
of the clock reference. For other applications, lowest power consumption may be the chief clock
consideration. Still others may have lowest cost as the primary goal. The ICG allows great flexibility in
choosing which is best for any application.
The following sections contain initialization examples for various configurations.
NOTE:
Hexadecimal values designated by a preceding $, binary values designated by a
preceding %, and decimal values have no preceding character.
Important configuration information is repeated here for reference sake.
Table 6-4 ICG Configuration Consideration
Clock Reference Source = Internal
Clock Reference Source = External
FLL
Engaged
FEI
4 MHz < fBus < 20 MHz.
Medium power (will be less than FEE if oscillator
range = high)
Medium clock accuracy (After IRG is trimmed)
Lowest system cost (no external components
required)
IRG is on. DCO is on. (1)
NOTES:
1. The IRG typically consumes 100
µA. The FLL and DCO typically consumes 0.5 to 2.5 mA, depending upon output
frequency. For minimum power consumption and minimum jitter, choose N and R to be as small as possible.
FEE
4 MHz < fBus < 20 MHz
Medium power (will be less than FEI if oscillator
range = low)
Good clock accuracy
Medium/High system cost (crystal, resonator or
external clock source required)
IRG is off. DCO is on.
FLL
Bypassed
SCM
This mode is mainly provided for quick and reliable
system startup.
3 MHz < fBus < 5 MHz (default).
3 MHz < fBus < 20 MHz (via filter bits).
Medium power
Poor accuracy.
IRG is off. DCO is on and open loop.
FBE
fBus range <= 8 MHz when crystal or resonator is
used.
Lowest power
Highest clock accuracy
Medium/High system cost (Crystal, resonator or
external clock source required)
IRG is off. DCO is off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com