| 전자부품 데이터시트 검색엔진 |
|
HCS08 데이터시트(PDF) 125 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
HCS08 데이터시트(HTML) 125 Page - Motorola, Inc |
|
125 / 290 page ![]() Data Sheet — MC9S08GB60/D V1.5 MOTOROLA 125 MC9S08GB/GT NEG opr8a NEGA NEGX NEG oprx8,X NEG ,X NEG oprx8,SP Negate (Two’s Complement) M ← – (M) = $00 – (M) A ← – (A) = $00 – (A) X ← – (X) = $00 – (X) M ← – (M) = $00 – (M) M ← – (M) = $00 – (M) M ← – (M) = $00 – (M) –– DIR INH INH IX1 IX SP1 30 40 50 60 70 9E60 dd ff ff 5 1 1 5 4 6 NOP No Operation Uses 1 Bus Cycle –––––– INH 9D 1 NSA Nibble Swap Accumulator A ← (A[3:0]:A[7:4]) –––––– INH 62 1 ORA #opr8i ORA opr8a ORA opr16a ORA oprx16,X ORA oprx8,X ORA ,X ORA oprx16,SP ORA oprx8,SP Inclusive OR Accumulator and Memory A ← (A) | (M) 0 –– – IMM DIR EXT IX2 IX1 IX SP2 SP1 AA BA CA DA EA FA 9EDA 9EEA ii dd hh ll ee ff ff ee ff ff 2 3 4 4 3 3 5 4 PSHA Push Accumulator onto Stack Push (A); SP ← (SP) – $0001 ––––– – INH 87 2 PSHH Push H (Index Register High) onto Stack Push (H); SP ← (SP) – $0001 –––––– INH 8B 2 PSHX Push X (Index Register Low) onto Stack Push (X); SP ← (SP) – $0001 –––––– INH 89 2 PULA Pull Accumulator from Stack SP ← (SP + $0001); Pull (A) –––––– INH 86 3 PULH Pull H (Index Register High) from Stack SP ← (SP + $0001); Pull (H) –––––– INH 8A 3 PULX Pull X (Index Register Low) from Stack SP ← (SP + $0001); Pull (X) –––––– INH 88 3 ROL opr8a ROLA ROLX ROL oprx8,X ROL ,X ROL oprx8,SP Rotate Left through Carry –– DIR INH INH IX1 IX SP1 39 49 59 69 79 9E69 dd ff ff 5 1 1 5 4 6 ROR opr8a RORA RORX ROR oprx8,X ROR ,X ROR oprx8,SP Rotate Right through Carry –– DIR INH INH IX1 IX SP1 36 46 56 66 76 9E66 dd ff ff 5 1 1 5 4 6 RSP Reset Stack Pointer SP ← $FF (High Byte Not Affected) –––––– INH 9C 1 RTI Return from Interrupt SP ← (SP) + $0001; Pull (CCR) SP ← (SP) + $0001; Pull (A) SP ← (SP) + $0001; Pull (X) SP ← (SP) + $0001; Pull (PCH) SP ← (SP) + $0001; Pull (PCL) INH 80 9 RTS Return from Subroutine SP ← SP + $0001; Pull (PCH) SP ← SP + $0001; Pull (PCL) –––––– INH 81 6 SBC #opr8i SBC opr8a SBC opr16a SBC oprx16,X SBC oprx8,X SBC ,X SBC oprx16,SP SBC oprx8,SP Subtract with Carry A ← (A) – (M) – (C) –– IMM DIR EXT IX2 IX1 IX SP2 SP1 A2 B2 C2 D2 E2 F2 9ED2 9EE2 ii dd hh ll ee ff ff ee ff ff 2 3 4 4 3 3 5 4 SEC Set Carry Bit C ← 1 ––––– 1 INH 99 1 SEI Set Interrupt Mask Bit I ← 1 –– 1 –– – INH 9B 1 Table 7-1 HCS08 Instruction Set Summary (Sheet 5 of 6) Source Form Operation Description Effect on CCR VH I N Z C C b0 b7 b0 b7 C |