전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCS08 데이터시트(PDF) 233 Page - Motorola, Inc

부품명 HCS08
상세설명  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 데이터시트(HTML) 233 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 229Page - Motorola, Inc HCS08 Datasheet HTML 230Page - Motorola, Inc HCS08 Datasheet HTML 231Page - Motorola, Inc HCS08 Datasheet HTML 232Page - Motorola, Inc HCS08 Datasheet HTML 233Page - Motorola, Inc HCS08 Datasheet HTML 234Page - Motorola, Inc HCS08 Datasheet HTML 235Page - Motorola, Inc HCS08 Datasheet HTML 236Page - Motorola, Inc HCS08 Datasheet HTML 237Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 290 page
background image
Data Sheet — MC9S08GB60/D V1.5
MOTOROLA
233
MC9S08GB/GT
14.6.2 ATD Status and Control (ATDSC)
Figure 14-8 ATD Status and Control Register (ATDSC)
Writes to the ATD status and control register clears the CCF flag, cancels any pending interrupts, and
initiates a new conversion.
Table 14-4 Clock Prescaler Values
PRS
Factor = (PRS +1)
× 2
Max Bus Clock
MHz
(2 MHz max ATD
Clock)(1)
NOTES:
1. Maximum ATD conversion clock frequency is 2 MHz. The max bus clock frequency is computed from the max ATD
conversion clock frequency times the indicated prescaler setting; i.e., for a PRS of 0, max bus clock = 2 (max ATD
conversion clock frequency)
× 2 (Factor) = 4 MHz.
Max Bus Clock
MHz
(1 MHz max ATD
Clock)(2)
2. Use these settings if the maximum desired ATD conversion clock frequency is 1 MHz. The max bus clock frequency is
computed from the max ATD conversion clock frequency times the indicated prescaler setting; i.e., for a PRS of 0, max
bus clock = 1 (max ATD conversion clock frequency)
× 2 (Factor) = 2 MHz.
Min Bus Clock(3)
MHz
(500 kHz min ATD
Clock)
3. Minimum ATD conversion clock frequency is 500 kHz. The min bus clock frequency is computed from the min ATD
conversion clock frequency times the indicated prescaler setting; i.e., for a PRS of 1, min bus clock = 0.5 (min ATD
conversion clock frequency)
× 2 (Factor) = 1 MHz.
0000
2421
0001
4842
0010
6
12
6
3
0011
8
16
8
4
0100
10
20
10
5
0101
12
20
12
6
0110
14
20
14
7
0111
16
20
16
8
1000
18
20
18
9
1001
20
20
20
10
1010
22
20
20
11
1011
24
20
20
12
1100
26
20
20
13
1101
28
20
20
14
1110
30
20
20
15
1111
32
20
20
16
Bit 7
654321
Bit 0
Read:
CCF
ATDIE
ATDCO
ATDCH
Write:
Reset:
00000001
= Unimplemented or Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com