| 전자부품 데이터시트 검색엔진 |
|
F3SG-R 데이터시트(PDF) 111 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
F3SG-R 데이터시트(HTML) 111 Page - Omron Electronics LLC |
|
111 / 164 page ![]() F3SG-RA-01TS 111 Side Mounting *1. The number of brackets required to mount either one of emitter and receiver. *2. Mounting an emitter or receiver with one bracket is possible for the models of protective height of 0185 or 0265. In this case, locate this bracket at half the Dimension A (or at the center of the sensor length). 35 40 9.2 35 42.35 Standard Fixed Bracket Standard Fixed Bracket (F39-LGF) (F39-LGF) 2-M5 or M6 2-M5 or M6 < Screw: M5 or M6 > F3SG-4RA @@@@-25-01TS Series Dimension A C+23 Dimension C 4-digit number of the type name (Protective height) Dimension D C-45 Dimension P 20 Protective height (C1) Number of Standard Fixed Brackets *1 Dimension F 0185 to 1225 2 *2 1000 mm max. 1305 to 1945 3 1000 mm max. |