전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PM0056 데이터시트(PDF) 76 Page - STMicroelectronics

부품명 PM0056
상세설명  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 데이터시트(HTML) 76 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 72Page - STMicroelectronics PM0056 Datasheet HTML 73Page - STMicroelectronics PM0056 Datasheet HTML 74Page - STMicroelectronics PM0056 Datasheet HTML 75Page - STMicroelectronics PM0056 Datasheet HTML 76Page - STMicroelectronics PM0056 Datasheet HTML 77Page - STMicroelectronics PM0056 Datasheet HTML 78Page - STMicroelectronics PM0056 Datasheet HTML 79Page - STMicroelectronics PM0056 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 156 page
background image
The Cortex-M3 instruction set
PM0056
76/156
DocID15491 Rev 5
Condition flags
If S is specified, these instructions:
Update the N and Z flags according to the result
Can update the C flag during the calculation of operand2 (see Flexible second operand
on page 52)
Do not affect the V flag
Examples
ANDR9, R2,#0xFF00
ORREQR2, R0, R5
ANDSR9, R8, #0x19
EORSR7, R11, #0x18181818
BICR0, R1, #0xab
ORNR7, R11, R14, ROR #4
ORNSR7, R11, R14, ASR #32
3.5.3
ASR, LSL, LSR, ROR, and RRX
Arithmetic shift right, logical shift left, logical shift right, rotate right, and rotate right with
extend.
Syntax
op{S}{cond} Rd, Rm, Rs
op{S}{cond} Rd, Rm, #n
RRX{S}{cond} Rd, Rm
where:
‘op’ is one of:
ASR: Arithmetic shift right
LSL: Logical shift left
LSR: Logical shift right
ROR: Rotate right
‘S’ is an optional suffix. If S is specified, the condition code flags are updated on the
result of the operation (see Conditional execution on page 57)
‘Rd’ is the destination register
‘Rm’ is the register holding the value to be shifted
‘Rs’ is the register holding the shift length to apply to the value Rm. Only the least
significant byte is used and can be in the range 0 to 255.
‘n’ is the shift length. The range of shift lengths depend on the instruction as follows:
ASR: Shift length from 1 to 32
LSL: Shift length from 0 to 31
LSR: Shift length from 1 to 32
ROR: Shift length from 1 to 31
Note:
MOV{S}{cond} Rd, Rm is the preferred syntax for LSL{S}{cond} Rd, Rm, #0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More