| 전자부품 데이터시트 검색엔진 |
|
PM0056 데이터시트(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0056 데이터시트(HTML) 29 Page - STMicroelectronics |
|
29 / 156 page ![]() DocID15491 Rev 5 29/156 PM0056 The Cortex-M3 processor A word access to the SRAM or peripheral bit-band alias regions map to a single bit in the SRAM or peripheral bit-band region. The following formula shows how the alias region maps onto the bit-band region: bit_word_offset = (byte_offset x 32) + (bit_number x 4) bit_word_addr = bit_band_base + bit_word_offset Where: • Bit_word_offset is the position of the target bit in the bit-band memory region. • Bit_word_addr is the address of the word in the alias memory region that maps to the targeted bit. • Bit_band_base is the starting address of the alias region. • Byte_offset is the number of the byte in the bit-band region that contains the targeted bit. • Bit_number is the bit position, 0-7, of the targeted bit. Figure 10 on page 29 shows examples of bit-band mapping between the SRAM bit-band alias region and the SRAM bit-band region: • The alias word at 0x23FFFFE0 maps to bit[0] of the bit-band byte at 0x200FFFFF: 0x23FFFFE0 = 0x22000000 + (0xFFFFF*32) + (0*4). • The alias word at 0x23FFFFFC maps to bit[7] of the bit-band byte at 0x200FFFFF: 0x23FFFFFC = 0x22000000 + (0xFFFFF*32) + (7*4). • The alias word at 0x22000000 maps to bit[0] of the bit-band byte at 0x20000000: 0x22000000 = 0x22000000 + (0*32) + (0 *4). • The alias word at 0x2200001C maps to bit[7] of the bit-band byte at 0x20000000: 0x2200001C = 0x22000000+ (0*32) + (7*4). Figure 10. Bit-band mapping 0x23FFFFE4 0x22000004 0x23FFFFE0 0x23FFFFE8 0x23FFFFEC 0x23FFFFF0 0x23FFFFF4 0x23FFFFF8 0x23FFFFFC 0x22000000 0x22000014 0x22000018 0x2200001C 0x22000008 0x22000010 0x2200000C 32MB alias region 0 7 0 0 7 0x20000000 0x20000001 0x20000002 0x20000003 6 5 4 3 2 1 0 7 6 5 4 3 2 1 7 6 5 4 3 2 1 0 7 6 5 4 3 2 1 0 7 6 5 4 3 2 1 6 5 4 3 2 1 0 7 6 5 4 3 2 1 0 7 6 5 4 3 2 1 0x200FFFFC 0x200FFFFD 0x200FFFFE 0x200FFFFF 1MB SRAM bit-band region |