전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PM0056 데이터시트(PDF) 95 Page - STMicroelectronics

부품명 PM0056
상세설명  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 데이터시트(HTML) 95 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 91Page - STMicroelectronics PM0056 Datasheet HTML 92Page - STMicroelectronics PM0056 Datasheet HTML 93Page - STMicroelectronics PM0056 Datasheet HTML 94Page - STMicroelectronics PM0056 Datasheet HTML 95Page - STMicroelectronics PM0056 Datasheet HTML 96Page - STMicroelectronics PM0056 Datasheet HTML 97Page - STMicroelectronics PM0056 Datasheet HTML 98Page - STMicroelectronics PM0056 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 156 page
background image
DocID15491 Rev 5
95/156
PM0056
The Cortex-M3 instruction set
Your assembler might be able to generate the required IT instructions for conditional
instructions automatically, so that you do not need to write them yourself. See your
assembler documentation for details.
A BKPT instruction in an IT block is always executed, even if its condition fails.
Exceptions can be taken between an IT instruction and the corresponding IT block, or within
an IT block. Such an exception results in entry to the appropriate exception handler, with
suitable return information in LR and stacked PSR.
Instructions designed for use for exception returns can be used as normal to return from the
exception, and execution of the IT block resumes correctly. This is the only way that a PC-
modifying instruction is permitted to branch to an instruction in an IT block.
Restrictions
The following instructions are not permitted in an IT block:
IT
CBZ and CBNZ
CPSID and CPSIE.
Other restrictions when using an IT block are:
a branch or any instruction that modifies the PC must either be outside an IT block or
must be the last instruction inside the IT block. These are:
ADD PC, PC, Rm
MOV PC, Rm
B, BL, BX, BLX
any LDM, LDR, or POP instruction that writes to the PC
TBB and TBH
Do not branch to any instruction inside an IT block, except when returning from an
exception handler
All conditional instructions except Bcond must be inside an IT block. Bcond can be
either outside or inside an IT block but has a larger branch range if it is inside one
Each instruction inside the IT block must specify a condition code suffix that is either
the same or logical inverse as for the other instructions in the block.
Your assembler might place extra restrictions on the use of IT blocks, such as prohibiting the
use of assembler directives within them.
Condition flags
This instruction does not change the flags.
Example
ITTE
NE
; Next 3 instructions are conditional
ANDNE
R0, R0, R1
; ANDNE does not update condition flags
ADDSNE R2, R2, #1
; ADDSNE updates condition flags
MOVEQ
R2, R3
; Conditional move



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More