전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DS2408S/T 데이터시트(PDF) 11 Page - Maxim Integrated Products

부품명 DS2408S/T
상세설명  1-Wire 8-Channel Addressable Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2408S/T 데이터시트(HTML) 11 Page - Maxim Integrated Products

Back Button DS2408S/T Datasheet HTML 7Page - Maxim Integrated Products DS2408S/T Datasheet HTML 8Page - Maxim Integrated Products DS2408S/T Datasheet HTML 9Page - Maxim Integrated Products DS2408S/T Datasheet HTML 10Page - Maxim Integrated Products DS2408S/T Datasheet HTML 11Page - Maxim Integrated Products DS2408S/T Datasheet HTML 12Page - Maxim Integrated Products DS2408S/T Datasheet HTML 13Page - Maxim Integrated Products DS2408S/T Datasheet HTML 14Page - Maxim Integrated Products DS2408S/T Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
DS2408
Control/Status Register
The data in this register reports status information, determines the function of the RSTZ pin and further
configures the device for conditional search. This register can only be written through the Write Condi-
tional Search Registers command.
Control/Status Register Bitmap
ADDR
b7
b6
b5
b4
b3
b2
b1
b0
008Dh
VCCP
0
0
0
PORL
ROS
CT
PLS
This register is read/write. Without VCC supply, this register reads 08h after a power-on reset. The func-
tional assignments of the individual bits are explained in the table below. Bits 4 to 6 have no function;
they will always read 0 and cannot be set to 1.
Control/Status Register Details
BIT DESCRIPTION
BIT(S)
DEFINITION
PLS: Pin or Activity
Latch Select
b0
Selects either the PIO pins or the PIO activity latches as input for the
conditional search.
0: pin selected (default)
1: activity latch selected
CT: Conditional Search
Logical Term
b1
Specifies whether the data of two or more channels needs to be OR’ed
or AND’ed to meet the qualifying condition for the device to respond to a
conditional search. If only a single channel is selected in the channel
selection mask (008Bh) this bit is a don't care.
0: bitwise OR (default)
1: bitwise AND
ROS: RSTZ Pin Mode
Control
b2
Configures RSTZ as either RST input or STRB output
0: configured as RST input (default)
1: configured as STRB output
PORL: Power-On Reset
Latch
b3
Specifies whether the device has performed a power-on reset. This bit
can only be cleared to 0 under software control. As long as this bit is 1
the device will always respond to a conditional search.
VCCP: VCC Power
Status (Read-Only)
b7
For VCC powered operation the VCC pin needs to be tied to a voltage
source
³ VPUP.
0: VCC pin is grounded
1: VCC -powered operation
The interaction of the various signals that determine whether the device responds to a conditional search
is illustrated in Figure 7. The selection mask SM selects the participating channels. The polarity selection
SP determines for each channel whether the channel signal needs to be 1 or 0 to qualify. The PLS bit
determines whether all channel signals are taken from the activity latches or I/O pins. The signals of all
channels are fed into an AND gate as well as an OR gate. The CT bit finally selects the AND’ed or
OR’ed result as the conditional search response signal CSR.
Note on CT bit:
OR
The qualifying condition is met if the input (pin state or activity latch) for one or more selected
channels matches the corresponding polarity.
AND For the qualifying condition to be met, the input (pin state or activity latch) for every selected
channel must match the corresponding polarity.
11 of 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com