전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DS2408S/T 데이터시트(PDF) 33 Page - Maxim Integrated Products

부품명 DS2408S/T
상세설명  1-Wire 8-Channel Addressable Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2408S/T 데이터시트(HTML) 33 Page - Maxim Integrated Products

Back Button DS2408S/T Datasheet HTML 28Page - Maxim Integrated Products DS2408S/T Datasheet HTML 29Page - Maxim Integrated Products DS2408S/T Datasheet HTML 30Page - Maxim Integrated Products DS2408S/T Datasheet HTML 31Page - Maxim Integrated Products DS2408S/T Datasheet HTML 32Page - Maxim Integrated Products DS2408S/T Datasheet HTML 33Page - Maxim Integrated Products DS2408S/T Datasheet HTML 34Page - Maxim Integrated Products DS2408S/T Datasheet HTML 35Page - Maxim Integrated Products DS2408S/T Datasheet HTML 36Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
DS2408
MASTER MODE
DATA (LSB FIRST)
COMMENTS
TX
(Reset)
Reset pulse
RX
(Presence)
Presence pulse
Step 2
TX
CCh
Issue Skip ROM command
TX
F0h
Issue Read PIO Registers command
TX
8Dh
TA1, target address = 8Dh
TX
00h
TA2, target address = 008Dh
RX
84h
Read Control/Status Register and verify
TX
(Reset)
Reset pulse
RX
(Presence)
Presence pulse
Step 3
TX
CCh
Issue Skip ROM command
TX
5Ah
Issue Channel-access Write command
TX
<PIO output byte>
Write byte to PIO
TX
<inverted PIO output byte>
Write inverted byte to PIO
(—)
(—)
DS2408 updates PIO status if transmission
was OK
RX
AAh
Read for verification (AAh = success)
(—)
(—)
DS2408 samples PIO pin status
RX
<PIO pin status byte>
Read PIO pin status
TX
<PIO output byte>
Write byte to PIO (next byte)
TX
<inverted PIO output byte>
Write inverted byte to PIO (next byte)
RX
AAh
Read for verification (AAh = success)
RX
<PIO pin status byte>
Read PIO pin status
(—)
(—)
Repeat the previous 4 steps with more PIO
output data as needed in the application.
TX
(Reset)
Reset pulse
RX
(Presence)
Presence pulse
When using this communication example to send data to a remote microcontroller, as in Figure 17,
synchronization between the master and the remote microcontroller can be maintained by transmitting
data packets that begin with a length byte and end with a CRC16. See Application Note 114, section
"UNIVERSAL DATA PACKET" for details.
Example 2
Task: Read from the PIO in an endless loop.
This task is broken into the following steps:
1) Configure RSTZ as STRB output.
2) Verify configuration setting.
3) Read from the PIO.
With only a single DS2408 connected to the bus master, the communication is as follows:
MASTER MODE
DATA (LSB FIRST)
COMMENTS
Step 1
TX
(Reset)
Reset pulse
RX
(Presence)
Presence pulse
TX
CCh
Issue Skip ROM command
TX
CCh
Issue Write Conditional Search Register
command
TX
8Dh
TA1, target address = 8Dh
TX
00h
TA2, target address = 008Dh
33 of 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com