전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DS2408S/T 데이터시트(PDF) 23 Page - Maxim Integrated Products

부품명 DS2408S/T
상세설명  1-Wire 8-Channel Addressable Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2408S/T 데이터시트(HTML) 23 Page - Maxim Integrated Products

Back Button DS2408S/T Datasheet HTML 19Page - Maxim Integrated Products DS2408S/T Datasheet HTML 20Page - Maxim Integrated Products DS2408S/T Datasheet HTML 21Page - Maxim Integrated Products DS2408S/T Datasheet HTML 22Page - Maxim Integrated Products DS2408S/T Datasheet HTML 23Page - Maxim Integrated Products DS2408S/T Datasheet HTML 24Page - Maxim Integrated Products DS2408S/T Datasheet HTML 25Page - Maxim Integrated Products DS2408S/T Datasheet HTML 26Page - Maxim Integrated Products DS2408S/T Datasheet HTML 27Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
DS2408
1-WIRE SIGNALING
The DS2408 requires strict protocols to ensure data integrity. The protocol consists of four types of
signaling on one line: Reset Sequence with Reset Pulse and Presence Pulse, Write-Zero, Write-One, and
Read-Data. Except for the presence pulse, the bus master initiates all these signals. The DS2408 can
communicate at two different speeds, standard speed, and overdrive speed. If not explicitly set into the
overdrive mode, the DS2408 will communicate at standard speed. While in overdrive mode, the fast
timing applies to all waveforms.
To get from idle to active, the voltage on the 1-Wire line needs to fall from VPUP below the VTL threshold.
To get from active to idle, the voltage needs to rise from VILMAX past the VTH threshold. The VILMAX
voltage is relevant for the DS2408 when determining a logical level, not triggering any events.
Figure 13 shows the initialization sequence required to begin any communication with the DS2408. A
Reset Pulse followed by a Presence Pulse indicates the DS2408 is ready to receive data, given the correct
ROM and control function command. If the bus master uses slew-rate control on the falling edge, it must
pull down the line for tRSTL + tF to compensate for the edge. A tRSTL duration of 480µs or longer will exit
the overdrive mode returning the device to standard speed. If the DS2408 is in overdrive mode and tRSTL
is no longer than 80µs the device will remain in overdrive mode.
Figure 13. INITIALIZATION PROCEDURE “RESET AND PRESENCE PULSES”
RESISTOR
MASTER
DS2408
tRSTL
tPDL
tRSTH
tPDH
MASTER TX “RESET PULSE” MASTER RX “PRESENCE PULSE”
VPUP
VIHMASTER
VTH
VTL
VILMAX
0V
e
tF
tREC
tMSP
After the bus master has released the line it goes into receive mode (RX). The 1-Wire bus is then pulled
to VPUP via the pullup resistor or, in case of a DS2480B driver, by active circuitry. When the VTH
threshold is crossed, the DS2408 waits for tPDH and then transmits a Presence Pulse by pulling the line
low for tPDL. To detect a presence pulse, the master must test the logical state of the 1-Wire line at tMSP.
The tRSTH window must be at least the sum of tPDHMAX, tPDLMAX, and tRECMIN. Immediately after tRSTH is
expired, the DS2408 is ready for data communication. In a mixed population network, tRSTH should be
extended to a minimum of 480µs at standard speed and 48µs at overdrive speed to accommodate other 1-
Wire devices.
23 of 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com