전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DS2408S/T 데이터시트(PDF) 2 Page - Maxim Integrated Products

부품명 DS2408S/T
상세설명  1-Wire 8-Channel Addressable Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2408S/T 데이터시트(HTML) 2 Page - Maxim Integrated Products

  DS2408S/T Datasheet HTML 1Page - Maxim Integrated Products DS2408S/T Datasheet HTML 2Page - Maxim Integrated Products DS2408S/T Datasheet HTML 3Page - Maxim Integrated Products DS2408S/T Datasheet HTML 4Page - Maxim Integrated Products DS2408S/T Datasheet HTML 5Page - Maxim Integrated Products DS2408S/T Datasheet HTML 6Page - Maxim Integrated Products DS2408S/T Datasheet HTML 7Page - Maxim Integrated Products DS2408S/T Datasheet HTML 8Page - Maxim Integrated Products DS2408S/T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
DS2408
ABSOLUTE MAXIMUM RATINGS*
P0 to P7, RSTZ, I/O Voltage to GND
-0.5V, +6V
P0 to P7, RSTZ, I/O combined sink current
20mA
Operating Temperature Range
-40°C to +85°C
Junction Temperature
+150°C
Storage Temperature Range
-55°C to +125°C
Lead Temperature (10s)
See J-STD-020A specification
* This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
ELECTRICAL CHARACTERISTICS
(VCC = 0V or
³ VPUP, TA = -40°C or +85°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Standard speed
2.8
5.25
1-Wire Pullup
Voltage
VPUP
Overdrive speed
3.3
5.25
V
Standby Supply
Current
ICCS
VCC at VPUP,
I/O pin at 0.3V
1
µA
I/O Pin General Data
1-Wire Pullup
Resistance
RPUP
(Notes 1, 2)
2.2
k
W
Input Capacitance
CIO
(Notes 3, 4)
1200
pF
Input Load Current
IL
I/O pin at VPUP,
VCC at 0V
1
µA
High-to-Low
Switching Threshold
VTL
(Notes 4, 5, 6)
0.5
3.2
V
Input-Low Voltage
VIL
(Notes 1, 7)
0.30
V
Low-to-High
Switching Threshold
VTH
(Notes 4, 5, 8)
0.8
3.4
V
Switching Hysteresis
VHY
(Notes 9, 4)
0.16
0.73
V
Output-Low Voltage
at 4mA
VOL
(Note 10)
0.4
V
Standard speed, RPUP =
2.2k
W
5
Overdrive speed, RPUP =
2.2k
W
2
Recovery Time
(Note 1)
tREC
Overdrive speed, Directly
prior to reset pulse; RPUP
= 2.2k
W
5
µs
Standard speed
0.5
5
Rising-Edge Hold-off
Time (Notes 11, 4)
tREH
Overdrive speed
0.5
2
µs
Standard speed
65
Timeslot Duration
(Notes 1, 12)
tSLOT
Overdrive speed
10
µs
2 of 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com