전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DS2408S/T 데이터시트(PDF) 3 Page - Maxim Integrated Products

부품명 DS2408S/T
상세설명  1-Wire 8-Channel Addressable Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2408S/T 데이터시트(HTML) 3 Page - Maxim Integrated Products

  DS2408S/T Datasheet HTML 1Page - Maxim Integrated Products DS2408S/T Datasheet HTML 2Page - Maxim Integrated Products DS2408S/T Datasheet HTML 3Page - Maxim Integrated Products DS2408S/T Datasheet HTML 4Page - Maxim Integrated Products DS2408S/T Datasheet HTML 5Page - Maxim Integrated Products DS2408S/T Datasheet HTML 6Page - Maxim Integrated Products DS2408S/T Datasheet HTML 7Page - Maxim Integrated Products DS2408S/T Datasheet HTML 8Page - Maxim Integrated Products DS2408S/T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
DS2408
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
I/O Pin, 1-Wire Reset, Presence-Detect Cycle
Standard speed, VPUP >
4.5V
480
720
Standard speed
660
720
Reset-Low Time
(Notes 1, 12)
tRSTL
Overdrive speed
53
80
µs
Standard speed
15
60
Presence-Detect High
Time (Note 12)
tPDH
Overdrive speed
2
7
µs
Standard speed, VPUP >
4.5V
1
5
Standard speed
1
8
Presence-Detect Fall
Time (Note 13)
tFPD
Overdrive speed
1
µs
Standard speed, VPUP >
4.5V
60
240
Standard speed
60
280
Presence-Detect Low
Time (Note 12)
tPDL
Overdrive speed
7
27
µs
Standard speed, VPUP >
4.5V
65
75
Standard speed
68
75
Presence-Detect
Sample Time (Note 1)
tMSP
Overdrive speed
8
9
µs
I/O Pin, 1-Wire Write
Standard speed
60
120
Write-0 Low Time
(Notes 1, 12)
tW0L
Overdrive speed
8
13
µs
Standard speed
5
15 -
e
Write-1 Low Time
(Notes 1, 12, 14)
tW1L
Overdrive speed
1
1.8 -
e
µs
Standard speed
15
60
Write Sample Time
(Slave Sampling)
(Note 12)
tSLS
Overdrive speed
1.8
8
µs
I/O Pin, 1-Wire Read
Standard speed
5
15 -
d
Read-Low Time
(Notes 1, 15)
tRL
Overdrive speed
1
1.8 -
d
µs
Standard speed
15
60
Read-0 Low Time
(Data From Slave)
(Note 12)
tSPD
Overdrive speed
1.8
8
µs
Standard speed
tRL +
d
15
Read-Sample Time
(Notes 1, 12, 15)
tMSR
Overdrive speed
tRL +
d
1.8
µs
P0 to P7, RSTZ Pin
Input-Low Voltage
VIL
(Notes 1, 7)
0.30
V
Input-High Voltage
VIH
VX = max (VPUP,VCC)
(Note 1)
VX - 0.8
5.25
V
Output-Low Voltage
at 4mA
VOL
(Note 10)
0.4
V
Leakage Current
ILP
5.25V at the pin
1
µA
Output Fall Time
tFPIO
(Notes 4, 16)
100
ns
Minimum-Sensed
PIO Pulse
tPWMIN
(Notes 4, 17)
1
5
µs
3 of 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com