전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DS2408S/T 데이터시트(PDF) 6 Page - Maxim Integrated Products

부품명 DS2408S/T
상세설명  1-Wire 8-Channel Addressable Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2408S/T 데이터시트(HTML) 6 Page - Maxim Integrated Products

Back Button DS2408S/T Datasheet HTML 2Page - Maxim Integrated Products DS2408S/T Datasheet HTML 3Page - Maxim Integrated Products DS2408S/T Datasheet HTML 4Page - Maxim Integrated Products DS2408S/T Datasheet HTML 5Page - Maxim Integrated Products DS2408S/T Datasheet HTML 6Page - Maxim Integrated Products DS2408S/T Datasheet HTML 7Page - Maxim Integrated Products DS2408S/T Datasheet HTML 8Page - Maxim Integrated Products DS2408S/T Datasheet HTML 9Page - Maxim Integrated Products DS2408S/T Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
DS2408
Figure 1. DS2408 BLOCK DIAGRAM
VCC
64-BIT
LASERED ROM
CRC16
GENERATOR
REGISTER
PAGE
REGISTER
FUNCTION
CONTROL
1-WIRE
FUNCTION
CONTROL
PORT
FUNCTION
CONTROL
I/O
GND
PARASITE POWER
INTERNAL VCC
PORT
INTER-
FACE
RSTZ
P0
P1
P2
P3
P4
P5
P6
P7
Figure 2. HIERARCHICAL STRUCTURE FOR 1-Wire PROTOCOL
1-Wire Net
Other
Devices
Bus
Master
Command
Level:
1-Wire ROM Function
Commands
DS2408-Specific
Control Function
Commands
DS2408
Available
Commands:
Read ROM
Match ROM
Search ROM
Skip ROM
Conditional Search
ROM
Overdrive Match
Overdrive Skip
Resume
Read PIO Registers
Channel Access Read
Channel Access Write
Write Conditional
Search Register
Reset Activity Latches
Data Field
Affected:
64-BIT ROM, RC-FLAG
64-BIT ROM, RC-FLAG
64-BIT ROM, RC-FLAG
RC-FLAG
64-BIT ROM, RC-FLAG, Port Status,
Cond. Search Settings,
64-BIT ROM, RC-FLAG, OD-Flag
RC-FLAG, OD-Flag
RC-FLAG
PIO Registers
Port Input Latches
Port Output Latches
Conditional Search Register
Activity Latches
Cmd.
Codes:
33h
55h
F0h
CCh
ECh
69h
3Ch
A5h
F0h
F5h
5Ah
CCh
C3h
6 of 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com