전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DS2408S/T 데이터시트(PDF) 35 Page - Maxim Integrated Products

부품명 DS2408S/T
상세설명  1-Wire 8-Channel Addressable Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2408S/T 데이터시트(HTML) 35 Page - Maxim Integrated Products

Back Button DS2408S/T Datasheet HTML 28Page - Maxim Integrated Products DS2408S/T Datasheet HTML 29Page - Maxim Integrated Products DS2408S/T Datasheet HTML 30Page - Maxim Integrated Products DS2408S/T Datasheet HTML 31Page - Maxim Integrated Products DS2408S/T Datasheet HTML 32Page - Maxim Integrated Products DS2408S/T Datasheet HTML 33Page - Maxim Integrated Products DS2408S/T Datasheet HTML 34Page - Maxim Integrated Products DS2408S/T Datasheet HTML 35Page - Maxim Integrated Products DS2408S/T Datasheet HTML 36Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
DS2408
Control/Status register,
Source is Activity Latch
Þ PLS = 1
Term is OR
Þ CT = 0
RSTZ = inactive (input)
Þ ROS = 0
Clear Power-On Reset Latch
Þ PORL = 0
The resulting setup data for the Control/Status Register is 01h.
For each DS2408 in the application, perform the following initialization:
MASTER MODE
DATA (LSB FIRST)
COMMENTS
Step 1
TX
(Reset)
Reset pulse
RX
(Presence)
Presence pulse
TX
55h
Issue Match ROM command
TX
<8 byte ROM ID>
Send ROM ID of the device to be accessed
TX
CCh
Issue Write Conditional Search Register
command
TX
8Bh
TA1, target address = 8Bh
TX
00h
TA2, target address = 008Bh
TX
FFh
Write Channel Selection Mask
TX
FFh
Write Channel Polarity Selection
TX
01h
Write Control/Status Register
TX
(Reset)
Reset pulse
RX
(Presence)
Presence pulse
TX
A5h
Issue Resume command
TX
F0h
Issue Read PIO Registers command
TX
8Bh
TA1, target address = 8Bh
TX
00h
TA2, target address = 008Bh
RX
<FFh, FFh, 81h>
Read Registers and verify
TX
(Reset)
Reset pulse
RX
(Presence)
Presence pulse
Step 2
TX
A5h
Issue Resume command
TX
5Ah
Issue Channel-access Write command
TX
FFh
Write byte to PIO
TX
00h
Write inverted byte to PIO
(—)
(—)
DS2408 switches off all channel output
transistors if transmission was OK
RX
AAh
Read for verification (AAh = success)
RX
FFh
Read PIO pin status and verify; FFh = OK
TX
(Reset)
Reset pulse
RX
(Presence)
Presence pulse
Step 3
TX
A5h
Issue Resume command
TX
C3
Issue Reset Activity Latch command
RX
AAh
Read for verification (AAh = success)
TX
(Reset)
Reset pulse
RX
(Presence)
Presence pulse
35 of 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com