전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DS2408S/T 데이터시트(PDF) 34 Page - Maxim Integrated Products

부품명 DS2408S/T
상세설명  1-Wire 8-Channel Addressable Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2408S/T 데이터시트(HTML) 34 Page - Maxim Integrated Products

Back Button DS2408S/T Datasheet HTML 28Page - Maxim Integrated Products DS2408S/T Datasheet HTML 29Page - Maxim Integrated Products DS2408S/T Datasheet HTML 30Page - Maxim Integrated Products DS2408S/T Datasheet HTML 31Page - Maxim Integrated Products DS2408S/T Datasheet HTML 32Page - Maxim Integrated Products DS2408S/T Datasheet HTML 33Page - Maxim Integrated Products DS2408S/T Datasheet HTML 34Page - Maxim Integrated Products DS2408S/T Datasheet HTML 35Page - Maxim Integrated Products DS2408S/T Datasheet HTML 36Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
DS2408
MASTER MODE
DATA (LSB FIRST)
COMMENTS
TX
04h
Write byte to Control/Status Register
TX
(Reset)
Reset pulse
RX
(Presence)
Presence pulse
Step 2
TX
CCh
Issue Skip ROM command
TX
F0h
Issue Read PIO Registers command
TX
8Dh
TA1, target address = 8Dh
TX
00h
TA2, target address = 008Dh
RX
84h
Read Control/Status Register and verify
TX
(Reset)
Reset pulse
RX
(Presence)
Presence pulse
Step 3
TX
CCh
Issue Skip ROM command
TX
F5h
Issue Channel-access Read command
(—)
(—)
DS2408 samples PIO pin status
RX
<PIO pin status byte>
Read PIO pin status
(—)
(—)
Repeat the previous 2 steps until the master
has received a total of 32 bytes of PIO pin
status
RX
<2 bytes CRC16>
Read CRC16
(—)
(—)
PIO pin status and CRC loop can be
continued as long as the application requires.
TX
(Reset)
Reset pulse
RX
(Presence)
Presence pulse
When using this communication example to read data from a remote microcontroller, as in Figure 17,
synchronization between the remote microcontroller and the master can be maintained by transmitting
data packets that begin with a length byte and end with a CRC16. See Application Note 114, section
"UNIVERSAL DATA PACKET" for details.
Example 3
Task: Detect the specific DS2408 where the button was pressed and identify the pin to which the
pushbutton is connected. This task is broken into the following steps:
1) Configure the conditional search and verify configuration setting.
2) Switch off all channel output transistors.
3) Clear the activity latches.
4) Search until a pushbutton is pressed.
5) Identify device and pushbutton; reset activity latches.
The device has to respond to the conditional search if the activity latch of at least one of the 8 channels is
set. This requires the following setup data for the conditional search registers:
Channel Selection Mask, select all channels
Þ FFh
Channel Polarity Selection, select logic 1 for all channels
Þ FFh
34 of 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com