전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DS2408S/T 데이터시트(PDF) 18 Page - Maxim Integrated Products

부품명 DS2408S/T
상세설명  1-Wire 8-Channel Addressable Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2408S/T 데이터시트(HTML) 18 Page - Maxim Integrated Products

Back Button DS2408S/T Datasheet HTML 14Page - Maxim Integrated Products DS2408S/T Datasheet HTML 15Page - Maxim Integrated Products DS2408S/T Datasheet HTML 16Page - Maxim Integrated Products DS2408S/T Datasheet HTML 17Page - Maxim Integrated Products DS2408S/T Datasheet HTML 18Page - Maxim Integrated Products DS2408S/T Datasheet HTML 19Page - Maxim Integrated Products DS2408S/T Datasheet HTML 20Page - Maxim Integrated Products DS2408S/T Datasheet HTML 21Page - Maxim Integrated Products DS2408S/T Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
DS2408
Figure 11. HARDWARE CONFIGURATION
OPEN-DRAIN
PORT PIN
RX = RECEIVE
TX = TRANSMIT
100
W
MOSFET
VPUP
RX
TX
TX
RX
DATA
SEE
TEXT
SIMPLE BUS MASTER
DS2408 1-Wire PORT
RPUP
DS2480B
+5V
HOST CPU
VDD
POL
RXD
TXD
VPP
1-W
NC
GND
SERIAL IN
SERIAL OUT
SERIAL
PORT
TO 1-Wire DATA
DS2480B BUS MASTER
A multidrop bus consists of a 1-Wire bus with multiple slaves attached. At standard speed the 1-Wire bus
has a maximum data rate of 15.3kbps. Communication speed for 1-Wire devices can be typically boosted
to 142kbps by activating the overdrive mode; however, the maximum overdrive data rate for the DS2408
is 100kbps. The value of the pullup resistor primarily depends on the network size and load conditions.
For most applications the optimal value of the pullup resistor will be approximately 2.2k
W for standard
speed and 1.5k
W for overdrive speed.
The idle state for the 1-Wire bus is high. If for any reason a transaction needs to be suspended, the bus
MUST be left in the idle state if the transaction is to resume. If this does not occur and the bus is left low
for more than 16µs (overdrive speed) or more than 120µs (standard speed), one or more devices on the
bus may be reset. With the DS2408 the bus must be left low for no longer than 13µs at overdrive speed to
ensure that none of the slave devices on the 1-Wire bus performs a reset. The DS2408 communicates
properly when used in conjunction with a DS2480B 1-Wire driver and serial port adapters that are based
on this driver chip. When operating the device in overdrive or below 4.5V, some 1-Wire I/O timing
values must be modified (see EC table).
18 of 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com