전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DS2408S/T 데이터시트(PDF) 12 Page - Maxim Integrated Products

부품명 DS2408S/T
상세설명  1-Wire 8-Channel Addressable Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2408S/T 데이터시트(HTML) 12 Page - Maxim Integrated Products

Back Button DS2408S/T Datasheet HTML 8Page - Maxim Integrated Products DS2408S/T Datasheet HTML 9Page - Maxim Integrated Products DS2408S/T Datasheet HTML 10Page - Maxim Integrated Products DS2408S/T Datasheet HTML 11Page - Maxim Integrated Products DS2408S/T Datasheet HTML 12Page - Maxim Integrated Products DS2408S/T Datasheet HTML 13Page - Maxim Integrated Products DS2408S/T Datasheet HTML 14Page - Maxim Integrated Products DS2408S/T Datasheet HTML 15Page - Maxim Integrated Products DS2408S/T Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
DS2408
Figure 8-1. CONTROL FUNCTIONS FLOW CHART
Bus Master TX
TA1 (T7:T0), TA2 (T15:T8)
Y
N
F0h
Read PIO Reg.?
Y
N
Address
< 90h?
To Figure 8
2
nd Part
From Figure 8
2
nd Part
Bus Master TX Control
Function Command
To ROM Functions
Flow Chart (Figure 12)
From ROM Functions
Flow Chart (Figure 12)
DS2408 sets Register
Address = (T15:T0)
Bus Master RX Data Byte
from Register Address
Bus Master RX CRC16
of Command, Address,
Data Bytes
Bus Master
RX “1”s
Y
N
DS2408 Incre-
ments Address
Counter
Y
Y
N
N
Master
TX Reset?
Address
< 90h?
Master
TX Reset?
Master
TX Reset?
Y
N
Note:
To read the three PIO state and latch
register bytes, the target address should
be 0088h. Returned data for a target
address <0088h is undefined.
Address
= 88h?
Y
N
DS2408 Samples
PIO Pin Status
1)
Note 1)
See the command
description for the
exact timing of the
PIO pin sampling.
12 of 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com