전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DS2408S/R 데이터시트(PDF) 8 Page - Maxim Integrated Products

부품명 DS2408S/R
상세설명  1-Wire 8-Channel Addressable Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2408S/R 데이터시트(HTML) 8 Page - Maxim Integrated Products

Back Button DS2408S/R Datasheet HTML 4Page - Maxim Integrated Products DS2408S/R Datasheet HTML 5Page - Maxim Integrated Products DS2408S/R Datasheet HTML 6Page - Maxim Integrated Products DS2408S/R Datasheet HTML 7Page - Maxim Integrated Products DS2408S/R Datasheet HTML 8Page - Maxim Integrated Products DS2408S/R Datasheet HTML 9Page - Maxim Integrated Products DS2408S/R Datasheet HTML 10Page - Maxim Integrated Products DS2408S/R Datasheet HTML 11Page - Maxim Integrated Products DS2408S/R Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
DS2408
Figure 5. DS2408 REGISTER ADDRESS MAP
ADDRESS RANGE
ACCESS TYPE
DESCRIPTION
0000h to 0087h
R
Undefined Data
0088h
R
PIO Logic State
0089h
R
PIO Output Latch State Register
008Ah
R
PIO Activity Latch State Register
008Bh
R/W
Conditional Search Channel Selection Mask
008Ch
R/W
Conditional Search Channel Polarity Selection
008Dh
R/W
Control/Status Register
008Eh to 008Fh
R
These Bytes Always Read FFh
PIO Logic-State Register
The logic state of the PIO pins can be obtained by reading this register using the Read PIO Registers
command. Reading this register does not generate a signal at the RSTZ pin, even if it is configured as
STRB
. See the Channel-Access commands description for details on STRB .
PIO Logic State Register Bitmap
ADDR
b7
b6
b5
b4
b3
b2
b1
b0
0088h
P7
P6
P5
P4
P3
P2
P1
P0
This register is read-only. Each bit is associated with the pin of the respective PIO channel as shown in
Figure 6. The data in this register is sampled at the last (most significant) bit of the byte that proceeds
reading the first (least significant) bit of this register. See the Read PIO Registers command description
for details.
PIO Output Latch State Register
The data in this register represents the latest data written to the PIO through the Channel-access Write
command. This register is read using the Read PIO Registers command. Reading this register does not
generate a signal at the RSTZ pin, even if it is configured as STRB . See the Channel-access commands
description for details on STRB . This register is not affected if the device reinitializes itself after an ESD
hit.
PIO Output Latch State Register Bitmap
ADDR
b7
b6
b5
b4
b3
b2
b1
b0
0089h
PL7
PL6
PL5
PL4
PL3
PL2
PL1
PL0
This register is read-only. Each bit is associated with the output latch of the respective PIO channel as
shown in Figure 6.
The flip-flops of this register will power up in a random state. If the chip has to power up with all PIO
channels off, a LOW pulse must be generated on the RSTZ pin, e.g., by means of an open-drain CPU
supervisor chip (see Figure 20). When using an RC circuit to generate the power-on reset, make sure that
RSTZ is NOT configured as strobe output (ROS bit in control/status register 008Dh needs to be 0).
8 of 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com