전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DS2408S/R 데이터시트(PDF) 27 Page - Maxim Integrated Products

부품명 DS2408S/R
상세설명  1-Wire 8-Channel Addressable Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2408S/R 데이터시트(HTML) 27 Page - Maxim Integrated Products

Back Button DS2408S/R Datasheet HTML 23Page - Maxim Integrated Products DS2408S/R Datasheet HTML 24Page - Maxim Integrated Products DS2408S/R Datasheet HTML 25Page - Maxim Integrated Products DS2408S/R Datasheet HTML 26Page - Maxim Integrated Products DS2408S/R Datasheet HTML 27Page - Maxim Integrated Products DS2408S/R Datasheet HTML 28Page - Maxim Integrated Products DS2408S/R Datasheet HTML 29Page - Maxim Integrated Products DS2408S/R Datasheet HTML 30Page - Maxim Integrated Products DS2408S/R Datasheet HTML 31Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
DS2408
Figure 16. CRC-16 HARDWARE DESCRIPTION AND POLYNOMIAL
POLYNOMIAL = X
16 + X15 + X2 + 1
X
0
X
1
X
2
X
3
X
4
X
5
X
6
X
7
X
8
X
9
X
10
X
11
X
12
X
13
X
14
X
15
X
16
1
st
STAGE
2
nd
STAGE
3
rd
STAGE
4
th
STAGE
6
th
STAGE
5
th
STAGE
7
th
STAGE
8
th
STAGE
9
th
STAGE
10
th
STAGE
11
th
STAGE
12
th
STAGE
13
th
STAGE
14
th
STAGE
15
th
STAGE
16
th
STAGE
INPUT DATA
CRC
OUTPUT
Figure 17. DS2408 AS SLAVE INTERFACE FOR MICROCONTROLLER
VCC
DS80C520
P1.0
3
P1.1
4
P1.2
5
P1.3
6
P1.4
7
P1.5
8
P1.6
9
P1.7
10
RST
12
P3 .7 / RD
22
P3 .6 / WR
21
P3.5/T1
20
P3.4/T0
19
P3 .3 / INT1
18
P3 .2 / INT0
17
P3.1/TXD0
16
P3.0/RXD0
15
EA
42
XTAL2
23
XTAL1
24
RTCX2
27
RTCX1
28
P2.6/AD14
36
P2.5/AD13
35
P2.4/AD12
34
P2.3/AD11
33
P2.2/AD10
32
P2.7/AD15
37
P2.1/AD9
31
P2.0/AD8
30
PSEN
38
ALE
39
P0.7/AD7
43
P0.6/AD6
44
P0.5/AD5
45
P0.4/AD4
46
P0.3/AD3
47
P0.2/AD2
48
P0.1/AD1
49
P0.0/AD0
50
47U
DS2408
P0
2
P1
14
P2
13
P3
12
P4
11
P5
9
P6
8
P7
7
10
GND
5
VCC
3
IO
4
PULLUP PROVIDED BY CPU
8051 Equiv CPU
GND
VCC
1W
RSTZ
The data direction (upload/download) is determined by application-specific data protocol.
27 of 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com