전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DS2408S/R 데이터시트(PDF) 36 Page - Maxim Integrated Products

부품명 DS2408S/R
상세설명  1-Wire 8-Channel Addressable Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2408S/R 데이터시트(HTML) 36 Page - Maxim Integrated Products

Back Button DS2408S/R Datasheet HTML 28Page - Maxim Integrated Products DS2408S/R Datasheet HTML 29Page - Maxim Integrated Products DS2408S/R Datasheet HTML 30Page - Maxim Integrated Products DS2408S/R Datasheet HTML 31Page - Maxim Integrated Products DS2408S/R Datasheet HTML 32Page - Maxim Integrated Products DS2408S/R Datasheet HTML 33Page - Maxim Integrated Products DS2408S/R Datasheet HTML 34Page - Maxim Integrated Products DS2408S/R Datasheet HTML 35Page - Maxim Integrated Products DS2408S/R Datasheet HTML 36Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 36 / 36 page
background image
DS2408
36 of 36
After all DS2408s are initialized, perform the search process below as an endless loop:
MASTER MODE
DATA (LSB FIRST)
COMMENTS
Step 4
TX
(Reset)
Reset pulse
RX
(Presence)
Presence pulse
TX
ECh
Issue Conditional Search ROM command
RX
<2 bits>
Read 2 bits; if both bits are 1, no push button
has been pressed; in this case return to Step
4. If the bit pattern is 01 or 10 or 00, a push
button has been pressed; in this case
continue with Step 5.
Step 5
TX
<1 bits>
Identify and select the LS bit of the ROM ID
of the DS2408 that has responded to the
Conditional Search.
RX
<2 bits>
Read 2 bits; this relates to the next bit of the
ROM ID of the participating device(s).
TX
<1 bits>
Identify and select the next bit of the ROM ID
of the DS2408 that has responded to the
Conditional Search.
(—)
(—)
Repeat the previous 2 steps until one device
has been identified and accessed. (see Note
1)
TX
F0h
Issue Read PIO Registers command
TX
88h
TA1, target address = 88h
TX
00h
TA2, target address = 0000h
RX
<8 data bytes>
Read register page; the data in the Activity
Latch State Register tells which button has
been pressed.
RX
<2 bytes CRC16>
Read CRC16 and verify correct data
transmission.
TX
(Reset)
Reset pulse
RX
(Presence)
Presence pulse
TX
A5h
Issue Resume command
TX
C3
Issue Reset Activity Latch command
RX
AAh
Read for verification (AAh = success)
(—)
(—)
Now, as the device and push button are
identified and the Activity Latch is cleared,
continue at Step 4.
Note 1: For a full description of the Search Algorithm see Application Note 187.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com