전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DS2408S/R 데이터시트(PDF) 21 Page - Maxim Integrated Products

부품명 DS2408S/R
상세설명  1-Wire 8-Channel Addressable Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2408S/R 데이터시트(HTML) 21 Page - Maxim Integrated Products

Back Button DS2408S/R Datasheet HTML 17Page - Maxim Integrated Products DS2408S/R Datasheet HTML 18Page - Maxim Integrated Products DS2408S/R Datasheet HTML 19Page - Maxim Integrated Products DS2408S/R Datasheet HTML 20Page - Maxim Integrated Products DS2408S/R Datasheet HTML 21Page - Maxim Integrated Products DS2408S/R Datasheet HTML 22Page - Maxim Integrated Products DS2408S/R Datasheet HTML 23Page - Maxim Integrated Products DS2408S/R Datasheet HTML 24Page - Maxim Integrated Products DS2408S/R Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
DS2408
Figure 12-1. ROM FUNCTIONS FLOW CHART
From Figure 12
2
nd Part
To Control Functions
Flow Chart (Figure 8)
Master TX Bit 0
Master TX Bit 63
Master TX Bit 1
RC = 1
DS2408 TX
CRC Byte
DS2408 TX
Serial Number
(6 Bytes)
DS2408 TX
Family Code
(1 Byte)
Bit 0
Match?
Y
N
Bit 1
Match?
Y
N
Bit 63
Match?
Y
N
DS2408 TX Bit 0
DS2408 TX Bit 0
Master TX Bit 0
DS2408 TX Bit 1
DS2408 TX Bit 1
Master TX Bit 1
DS2408 TX Bit 63
DS2408 TX Bit 63
Master TX Bit 63
RC = 1
Bit 0
Match?
Y
N
Bit 1
Match?
Y
N
Bit 63
Match?
Y
N
To Figure 12
2
nd Part
RC = 0
RC = 0
RC = 0
RC = 0
Y
Y
Y
Y
N
F0h
Search ROM
Command?
N
55h
Match ROM
Command?
N
ECh
Cond. Search
Command?
N
33h
Read ROM
Command?
To Figure 12
2
nd Part
From Control Functions
Flow Chart (Figure 8)
Bus Master TX ROM
Function Command
DS2408 TX
Presence Pulse
OD
Reset Pulse?
N
Y
OD = 0
Bus Master TX
Reset Pulse
From Figure 12, 2
nd Part
Condition Met?
Y
N
DS2408 TX Bit 0
DS2408 TX Bit 0
Master TX Bit 0
DS2408 TX Bit 1
DS2408 TX Bit 1
Master TX Bit 1
DS2408 TX Bit 63
DS2408 TX Bit 63
Master TX Bit 63
RC = 1
Bit 0
Match?
Y
N
Bit 1
Match?
Y
N
Bit 63
Match?
Y
N
21 of 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com