전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DS2408S/R 데이터시트(PDF) 26 Page - Maxim Integrated Products

부품명 DS2408S/R
상세설명  1-Wire 8-Channel Addressable Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2408S/R 데이터시트(HTML) 26 Page - Maxim Integrated Products

Back Button DS2408S/R Datasheet HTML 22Page - Maxim Integrated Products DS2408S/R Datasheet HTML 23Page - Maxim Integrated Products DS2408S/R Datasheet HTML 24Page - Maxim Integrated Products DS2408S/R Datasheet HTML 25Page - Maxim Integrated Products DS2408S/R Datasheet HTML 26Page - Maxim Integrated Products DS2408S/R Datasheet HTML 27Page - Maxim Integrated Products DS2408S/R Datasheet HTML 28Page - Maxim Integrated Products DS2408S/R Datasheet HTML 29Page - Maxim Integrated Products DS2408S/R Datasheet HTML 30Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
DS2408
3) The input buffer was designed with hysteresis. If a negative glitch crosses VTH but doesn’t go below
VTH - VHY, it will not be recognized (Figure 15, Case A). The hysteresis is effective at any 1-Wire
speed.
4) There is a time window specified by the rising edge hold-off time tREH during which glitches will be
ignored, even if they extend below the VTH - VHY threshold (Figure 15, Case B, tGL < tREH). Deep
voltage droops or glitches that appear late after crossing the VTH threshold and extend beyond the tREH
window cannot be filtered out and will be taken as the beginning of a new time slot (Figure 15, Case
C, tGL
³ tREH).
Figure 15. NOISE SUPPRESSION SCHEME
VPUP
VTH
VHY
0V
tREH
tGL
tREH
tGL
Case A
Case C
Case B
CRC GENERATION
The DS2408 has two different types of cyclic redundancy checks (CRCs). One CRC is an 8-bit type and
is stored in the most significant byte of the 64-bit ROM. The bus master can compute a CRC value from
the first 56 bits of the 64-bit ROM and compare it to the value stored within the DS2408 to determine if
the ROM data has been received error free. The equivalent polynomial function of this CRC is X8 + X5 +
X4 + 1. This 8-bit CRC is received in the true (noninverted) form. It is computed at the factory and lasered
into the ROM.
The other CRC is a 16-bit type, generated according to the standardized CRC16-polynomial function X16
+ X15 + X2 + 1. This CRC is used for error detection when reading data through the end of the register
page using the Read PIO Registers command, for fast verification of the data transfer when writing to or
reading from the scratchpad, and when reading from the PIO using the Channel-access Read command.
In contrast to the 8-bit CRC, the 16-bit CRC is always communicated in the inverted form. A CRC-
generator inside the DS2408 chip (Figure 16) calculates a new 16-bit CRC as shown in the command
flow chart of Figure 8. The bus master compares the CRC value read from the device to the one it
calculates from the data and decides whether to continue with an operation or to reread the portion of the
data with the CRC error.
With the Read PIO Registers flow chart, the 16-bit CRC value is the result of shifting the command byte
into the cleared CRC generator, followed by the 2 address bytes and the data bytes beginning at the target
address and ending with the last byte of the register page, address 008Fh.
With the initial pass through the Channel-access Read command flow, the CRC is generated by first
clearing the CRC generator and then shifting in the command code followed by 32 bytes of PIO pin data.
Subsequent passes through the command flow will generate a 16-bit CRC that is the result of clearing the
CRC generator and then shifting in 32 bytes read from the PIO pins. For more information on generating
CRC values see Application Note 27.
26 of 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com