전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DS2408S/R 데이터시트(PDF) 7 Page - Maxim Integrated Products

부품명 DS2408S/R
상세설명  1-Wire 8-Channel Addressable Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2408S/R 데이터시트(HTML) 7 Page - Maxim Integrated Products

Back Button DS2408S/R Datasheet HTML 3Page - Maxim Integrated Products DS2408S/R Datasheet HTML 4Page - Maxim Integrated Products DS2408S/R Datasheet HTML 5Page - Maxim Integrated Products DS2408S/R Datasheet HTML 6Page - Maxim Integrated Products DS2408S/R Datasheet HTML 7Page - Maxim Integrated Products DS2408S/R Datasheet HTML 8Page - Maxim Integrated Products DS2408S/R Datasheet HTML 9Page - Maxim Integrated Products DS2408S/R Datasheet HTML 10Page - Maxim Integrated Products DS2408S/R Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
DS2408
PARASITE POWER
The DS2408 can derive its power entirely from the 1-Wire bus by storing energy on an internal capacitor
during periods of time when the signal line is high. During low times the device continues to operate from
this “parasite” power source until the 1-Wire bus returns high to replenish the parasite (capacitor) supply.
If power is available, the VCC pin should be connected to the external voltage supply.
Figure 3. 64-BIT LASERED ROM
MSB
LSB
8-BIT
CRC CODE
48-BIT SERIAL NUMBER
8-BIT FAMILY
CODE (29h)
MSB
LSB
MSB
LSB
MSB
LSB
64-BIT LASERED ROM
Each DS2408 contains a unique ROM code that is 64 bits long. The first 8 bits are a 1-Wire family code.
The next 48 bits are a unique serial number. The last eight bits are a CRC of the first 56 bits. See Figure 3
for details. The 1-Wire CRC is generated using a polynomial generator consisting of a shift register and
XOR gates as shown in Figure 4. The polynomial is X8 + X5 + X4 + 1. Additional information about the
Dallas 1-Wire Cyclic Redundancy Check is available in Application Note 27.
The shift register bits are initialized to 0. Then, starting with the least significant bit of the family code,
one bit at a time is shifted in. After the eighth bit of the family code has been entered, the serial number is
entered. After the serial number has been entered, the shift register contains the CRC value. Shifting in
the eight bits of CRC returns the shift register to all 0s.
Figure 4. 1-Wire CRC GENERATOR
X
0
X
1
X
2
X
3
X
4
X
5
X
6
X
7
X
8
POLYNOMIAL = X
8 + X5 + X4 + 1
1
st
STAGE
2
nd
STAGE
3
rd
STAGE
4
th
STAGE
6
th
STAGE
5
th
STAGE
7
th
STAGE
8
th
STAGE
INPUT DATA
REGISTER ACCESS
The registers needed to operate the DS2408 are organized as a Register Page, as shown in Figure 5. All
registers are volatile, i. e., they lose their state when the device is powered down. PIO, Conditional
Search, and Control/Status registers are read/written using the device level Read PIO Registers and Write
Conditional Search Register commands described in subsequent sections and Figure 8 of this document.
7 of 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com