전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DS2408S/R 데이터시트(PDF) 32 Page - Maxim Integrated Products

부품명 DS2408S/R
상세설명  1-Wire 8-Channel Addressable Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2408S/R 데이터시트(HTML) 32 Page - Maxim Integrated Products

Back Button DS2408S/R Datasheet HTML 28Page - Maxim Integrated Products DS2408S/R Datasheet HTML 29Page - Maxim Integrated Products DS2408S/R Datasheet HTML 30Page - Maxim Integrated Products DS2408S/R Datasheet HTML 31Page - Maxim Integrated Products DS2408S/R Datasheet HTML 32Page - Maxim Integrated Products DS2408S/R Datasheet HTML 33Page - Maxim Integrated Products DS2408S/R Datasheet HTML 34Page - Maxim Integrated Products DS2408S/R Datasheet HTML 35Page - Maxim Integrated Products DS2408S/R Datasheet HTML 36Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
DS2408
Channel-Access Write (Success)
RST
PD
Select
CAW
<new state>, <new state\>
AAh, <read back>
Channel-Access Write (Fail New State)
Loop
RST
PD
Select
CAW
<new state>, <invalid>
FF loop
Write Conditional Search Register (Success)
RST
PD
Select
WCS
TA
<data>
FF loop
Write Conditional Search Register (Fail Address)
RST
PD
Select
WCS
TA
FF loop
Reset Activity Latches (Cannot Fail)
RST
PD
Select
RAL
AA loop
COMMUNICATION EXAMPLES
The examples in this section demonstrate the use of ROM and control functions in typical situations. The
first two examples are related to Figure 17. They show how to write to the PIO with readback for
verification or for receiving an immediate response (example 1) and how to read from the PIO in an
endless loop (example 2). The third example assumes a network of multiple DS2408s where each of the
devices is connected to 8 pushbuttons, as in Figure 21.
Example 1
Task: Write to the PIO with readback for verification or for receiving an immediate response.
This task is broken into the following steps:
1) Configure RSTZ as STRB output.
2) Verify configuration setting.
3) Write to the PIO and read back the response.
With only a single DS2408 connected to the bus master, the communication is as follows:
32 of 36
MASTER MODE
DATA (LSB FIRST)
COMMENTS
Step 1
TX
(Reset)
Reset pulse
RX
(Presence)
Presence pulse
TX
CCh
Issue Skip ROM command
TX
CCh
Issue Write Conditional Search Register
command
TX
8Dh
TA1, target address = 8Dh
TX
00h
TA2, target address = 008Dh
TX
04h
Write byte to Control/Status Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com