전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DS2408S/R 데이터시트(PDF) 28 Page - Maxim Integrated Products

부품명 DS2408S/R
상세설명  1-Wire 8-Channel Addressable Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2408S/R 데이터시트(HTML) 28 Page - Maxim Integrated Products

Back Button DS2408S/R Datasheet HTML 24Page - Maxim Integrated Products DS2408S/R Datasheet HTML 25Page - Maxim Integrated Products DS2408S/R Datasheet HTML 26Page - Maxim Integrated Products DS2408S/R Datasheet HTML 27Page - Maxim Integrated Products DS2408S/R Datasheet HTML 28Page - Maxim Integrated Products DS2408S/R Datasheet HTML 29Page - Maxim Integrated Products DS2408S/R Datasheet HTML 30Page - Maxim Integrated Products DS2408S/R Datasheet HTML 31Page - Maxim Integrated Products DS2408S/R Datasheet HTML 32Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
DS2408
Figure 18. DS2408 AS SLAVE INTERFACE FOR INTELLIGENT DISPLAY
47
DS9503
1
2
5
6
3
4
47U
VCC
LEDK
16
LEDA
15
D7
14
D6
13
D5
12
D4
11
D3
10
D2
9
D1
8
D0
7
STB
6
R/ W
5
D/ C
4
CONTRAST
3
VCC
2
GND
1
VCC
10K
10
9
8
7
6
5
4
3
2
1
VCC
DS2408
P0
2
P1
14
P2
13
P3
12
P4
11
P5
9
P6
8
P7
7
10
GND
5
VCC
3
IO
4
Local iButton Probe
LCD Display
Up
Down
Select
5VDC
GND
1W
RSTZ
VCC
Figure 19. DS2408 AS MICROCONTROLLER PORT EXPANDER
DS2408
IO
4
VCC
3
GND
5
10
P7
7
P6
8
P5
9
P4
11
P3
12
P2
13
P1
14
P0
2
VC
C
VCC
PIC12C508
OSC2/P4
3
OSC1/P5
2
P0
7
P1
6
P2/CK
5
CLR/P3
4
GND
8
VCC
1
VCC
MICROCONTROLLER
WITH FEW I/O PINS
RSTZ
24 I/O LINES OR
3 BYTE-WIDE
BUSES FROM A
SINGLE PIN
IO
4
VCC
3
GND
5
10
P7
7
P6
8
P5
9
P4
11
P3
12
P2
13
P1
14
P0
2
VCC
RSTZ
DS2408
IO
4
VCC
3
GND
5
10
P7
7
P6
8
P5
9
P4
11
P3
12
P2
13
P1
14
P0
2
VCC
RSTZ
DS2408
28 of 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com