전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DS2408S/R 데이터시트(PDF) 9 Page - Maxim Integrated Products

부품명 DS2408S/R
상세설명  1-Wire 8-Channel Addressable Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2408S/R 데이터시트(HTML) 9 Page - Maxim Integrated Products

Back Button DS2408S/R Datasheet HTML 5Page - Maxim Integrated Products DS2408S/R Datasheet HTML 6Page - Maxim Integrated Products DS2408S/R Datasheet HTML 7Page - Maxim Integrated Products DS2408S/R Datasheet HTML 8Page - Maxim Integrated Products DS2408S/R Datasheet HTML 9Page - Maxim Integrated Products DS2408S/R Datasheet HTML 10Page - Maxim Integrated Products DS2408S/R Datasheet HTML 11Page - Maxim Integrated Products DS2408S/R Datasheet HTML 12Page - Maxim Integrated Products DS2408S/R Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
DS2408
PIO Activity Latch State Register
The data in this register represents the current state of the PIO activity latches. This register is read using
the Read PIO Registers command. Reading this register does not generate a signal at the RSTZ pin, even
if it is configured as STRB . See the Channel-access commands description for details on STRB .
PIO Activity Latch State Register Bitmap
ADDR
b7
b6
b5
b4
b3
b2
b1
b0
008Ah
AL7
AL6
AL5
AL4
AL3
AL2
AL1
AL0
This register is read-only. Each bit is associated with the activity latch of the respective PIO channel as
shown in Figure 6. This register is cleared to 00h by a power-on reset, by a low pulse on the RSTZ pin
(only if RSTZ is configured as RST input), or by successful execution of the Reset Activity Latches
command.
Figure 6. CHANNEL I/O AND RSTZ SIMPLIFIED LOGIC DIAGRAM
PIO
OUTPUT
LATCH
PIO ACTIVITY
LATCH
EDGE
DETECTOR
PORT
FUNCTION
CONTROL
TO ACTIVITY LATCH
STATE REGISTER
TO PIO LOGIC
STATE REGISTER
TO PIO
OUTPUT LATCH
STATE REG.
R
Q
D
D
Q
S
Q
Q
"1"
CLR ACT LATCH
ROS
STRB
CHANNEL
I/O PIN
RSTZ
PIN
DATA
CLOCK
POWER ON
RESET
9 of 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com