전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DS2408S/R 데이터시트(PDF) 10 Page - Maxim Integrated Products

부품명 DS2408S/R
상세설명  1-Wire 8-Channel Addressable Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2408S/R 데이터시트(HTML) 10 Page - Maxim Integrated Products

Back Button DS2408S/R Datasheet HTML 6Page - Maxim Integrated Products DS2408S/R Datasheet HTML 7Page - Maxim Integrated Products DS2408S/R Datasheet HTML 8Page - Maxim Integrated Products DS2408S/R Datasheet HTML 9Page - Maxim Integrated Products DS2408S/R Datasheet HTML 10Page - Maxim Integrated Products DS2408S/R Datasheet HTML 11Page - Maxim Integrated Products DS2408S/R Datasheet HTML 12Page - Maxim Integrated Products DS2408S/R Datasheet HTML 13Page - Maxim Integrated Products DS2408S/R Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
DS2408
Conditional Search Channel Selection Mask Register
The data in this register controls whether a PIO channel qualifies for participation in the conditional
search command. To include one or more of the PIO channels, the bits in this register that correspond to
those channels need to be set to 1. This register can only be written through the Write Conditional Search
Registers command.
Conditional Search Channel Selection Mask Register Bitmap
ADDR
b7
b6
b5
b4
b3
b2
b1
b0
008Bh
SM7
SM6
SM5
SM4
SM3
SM2
SM1
SM0
This register is read/write. Each bit is associated with the respective PIO channel as shown in Figure 7.
This register is cleared to 00h by a power-on reset
Conditional Search Channel Polarity Selection Register
The data in this register specifies the polarity of each selected PIO channel for the device to respond to
the conditional search command. Within a PIO channel, the data source may be either the channel's input
signal (pin) or the channel's activity latch, as specified by the PLS bit in the Control/Status register at ad-
dress 008Dh. This register can only be written through the Write Conditional Search Registers command.
Conditional Search Channel Polarity Selection Register Bitmap
ADDR
b7
b6
b5
b4
b3
b2
b1
b0
008Ch
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0
This register is read/write. Each bit is associated with the respective PIO channel as shown in Figure 7.
This register is cleared to 00h by a power-on reset.
Figure 7. Conditional Search Logic
AL7
P7
PLS
SP0
SM0
CT
SM7
SP7
AL0
P0
CSR
INPUT FROM
CHANNELS 1 TO 6
(NOT SHOWN)
CHANNEL 0
CHANNEL 7
10 of 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com