| 전자부품 데이터시트 검색엔진 |
|
TNETV2501INPGF 데이터시트(PDF) 59 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TNETV2501INPGF 데이터시트(HTML) 59 Page - Texas Instruments |
|
59 / 197 page ![]() Functional Overview 59 December 2002 − Revised November 2008 SPRS206K The SYNC field (bits[4:0]) of the DMA_CCR register specifies the event that can initiate the DMA transfer for the corresponding DMA channel. The five bits allow several configurations as listed in Table 3−8. The bits are set to zero upon reset. Table 3−8. Synchronization Control Function SYNC FIELD IN DMA_CCR SYNCHRONIZATION MODE 00000b No event synchronized 00001b McBSP 0 Receive Event (REVT0) 00010b McBSP 0 Transmit Event (XEVT0) 00011b Reserved (Do not use this value) 00100b Reserved (Do not use this value) 00101b McBSP1 Receive Event (REVT1) 00110b McBSP1 Transmit Event (XEVT1) 00111b Reserved (Do not use this value) 01000b Reserved (Do not use this value) 01001b Reserved (Do not use this value) 01010b Reserved (Do not use this value) 01011b UART Receive Event (UARTREVT) 01100b UART Transmit Event (UARTXEVT) 01101b Timer 0 Event 01110b Timer 1 Event 01111b External Interrupt 0 10000b External Interrupt 1 10001b External Interrupt 2 10010b External Interrupt 3 10011b I2C Receive Event 10100b I2C Transmit Event Other values Reserved (Do not use these values) |