전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TNETV2501INPGF 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 TNETV2501INPGF
상세설명  Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2501INPGF 데이터시트(HTML) 10 Page - Texas Instruments

Back Button TNETV2501INPGF Datasheet HTML 6Page - Texas Instruments TNETV2501INPGF Datasheet HTML 7Page - Texas Instruments TNETV2501INPGF Datasheet HTML 8Page - Texas Instruments TNETV2501INPGF Datasheet HTML 9Page - Texas Instruments TNETV2501INPGF Datasheet HTML 10Page - Texas Instruments TNETV2501INPGF Datasheet HTML 11Page - Texas Instruments TNETV2501INPGF Datasheet HTML 12Page - Texas Instruments TNETV2501INPGF Datasheet HTML 13Page - Texas Instruments TNETV2501INPGF Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 197 page
background image
Figures
10
December 2002 − Revised November 2008
SPRS206K
Figure
Page
5−23
External Interrupt Timings
162
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5−24
External Interrupt Acknowledge Timings
162
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5−25
XF Timings
163
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5−26
General-Purpose Input/Output (GPIOx) Signal Timings
164
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5−27
Parallel General-Purpose Input/Output (PGPIOx) Signal Timings
165
. . . . . . . . . . . . . . . . . . . . . . . . . . .
5−28
TIM0/TIM1/WDTOUT Timings When Configured as Timer Input Pins
166
. . . . . . . . . . . . . . . . . . . . . . . .
5−29
TIM0/TIM1/WDTOUT Timings When Configured as Timer Output Pins
166
. . . . . . . . . . . . . . . . . . . . . .
5−30
TIM0/TIM1/WDTOUT General-Purpose I/O Timings
167
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5−31
TIM0/TIM1/WDTOUT Interrupt Timings
168
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5−32
McBSP Receive Timings
171
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5−33
McBSP Transmit Timings
171
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5−34
McBSP General-Purpose I/O Timings
172
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5−35
McBSP Timings as SPI Master or Slave: CLKSTP = 10b, CLKXP = 0
174
. . . . . . . . . . . . . . . . . . . . . . .
5−36
McBSP Timings as SPI Master or Slave: CLKSTP = 11b, CLKXP = 0
175
. . . . . . . . . . . . . . . . . . . . . . .
5−37
McBSP Timings as SPI Master or Slave: CLKSTP = 10b, CLKXP = 1
177
. . . . . . . . . . . . . . . . . . . . . . .
5−38
McBSP Timings as SPI Master or Slave: CLKSTP = 11b, CLKXP = 1
178
. . . . . . . . . . . . . . . . . . . . . . .
5−39
Multiplexed Read Timings Using HPI.HAS
181
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5−40
Multiplexed Read Timings With HPI.HAS Held High
182
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5−41
Multiplexed Write Timings Using HPI.HAS
183
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5−42
Multiplexed Write Timings With HPI.HAS Held High
184
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5−43
HINT Timings
184
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5−44
HPI General-Purpose I/O Timings
185
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5−45
HPI.HAS Interrupt Timings
186
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5−46
I2C Receive Timings
187
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5−47
I2C Transmit Timings
188
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5−48
UART Timings
189
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More