전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TNETV2501INPGF 데이터시트(PDF) 127 Page - Texas Instruments

Click here to check the latest version.
부품명 TNETV2501INPGF
상세설명  Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2501INPGF 데이터시트(HTML) 127 Page - Texas Instruments

Back Button TNETV2501INPGF Datasheet HTML 123Page - Texas Instruments TNETV2501INPGF Datasheet HTML 124Page - Texas Instruments TNETV2501INPGF Datasheet HTML 125Page - Texas Instruments TNETV2501INPGF Datasheet HTML 126Page - Texas Instruments TNETV2501INPGF Datasheet HTML 127Page - Texas Instruments TNETV2501INPGF Datasheet HTML 128Page - Texas Instruments TNETV2501INPGF Datasheet HTML 129Page - Texas Instruments TNETV2501INPGF Datasheet HTML 130Page - Texas Instruments TNETV2501INPGF Datasheet HTML 131Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 197 page
background image
Functional Overview
127
December 2002 − Revised November 2008
SPRS206K
Table 3−69. UART
WORD ADDRESS
REGISTER NAME
DESCRIPTION
RESET VALUE†
0x9C00
URRBR/
URTHR/
URDLL‡
Receive Buffer Register
Transmit Holding Register
Divisor Latch LSB Register
xxxx xxxx
0x9C01
URIER/
URDLM§
Interrupt Enable Register
Divisor Latch MSB Register
0000 0000
0x9C02
URIIR/
URFCR¶
Interrupt Identification Register
FIFO Control Register
0000 0001
0000 0000
0x9C03
URLCR
Line Control Register
0000 0000
0x9C04
URMCR
Modem Control Register
0000 0000
0x9C05
URLSR
Line Status Register
0110 0000
0x9C07
URSCR
Scratch Register
xxxx xxxx
0x9C08
URDLL‡
Divisor Latch LSB Register
−
0x9C09
URDLM§
Divisor Latch MSB Register
−
0x9C0A
URPID1
Peripheral ID Register (LSW)
−
0x9C0B
URPID2
Peripheral ID Register (MSW)
−
0x9C0C
URPECR
Power and Emulation Control Register
0000 0000 0000 0000
† x denotes a “don’t care.”
‡ The registers URRBR, URTHR, and URDLL share one address. URDLL also has a dedicated address. When using the dedicated address, the
DLAB bit can be kept cleared, so that URRBR and URTHR are always selected at the shared address.
If DLAB = 0 :
Read Only: URRBR
Write Only: URTHR
If DLAB = 1:
Read/Write: URDLL
§ The registers URIER and URDLM share one address. URDLM also has a dedicated address. When using the dedicated address, the DLAB bit
can be kept cleared, so that URIER is always selected at the shared address.
If DLAB = 0:
Read/WRite: URIER
If DLAB = 1:
Read/Write: URDLM
¶ The registers URIIR and URFCR share one address.
Read Only:
URIIR
Write Only:
URFCR
Table 3−70. External Bus Selection
WORD ADDRESS
REGISTER NAME
DESCRIPTION
RESET VALUE
0x6C00
XBSR
External Bus Selection Register
0000 0000 0000 0000
0x8800
XBCR
External Bus Control Register
0000 0000 0000 0000
Table 3−71. Clock Mode Register
WORD ADDRESS
REGISTER NAME
DESCRIPTION
RESET VALUE
0x8C00
CLKMD
Clock Mode Control Register
0000 0000 0000 0000
Table 3−72. CLKOUT Selector Register
WORD ADDRESS
REGISTER NAME
DESCRIPTION
RESET VALUE
0x8400
CLKOUTSR
CLKOUT Selection Register
0000 0000 0000 0010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com