| 전자부품 데이터시트 검색엔진 |
|
STM32W108HB 데이터시트(PDF) 61 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32W108HB 데이터시트(HTML) 61 Page - STMicroelectronics |
|
61 / 278 page ![]() STM32W108HB STM32W108CC STM32W108CB STM32W108CZ System modules Doc ID 16252 Rev 14 61/278 Watchdog control register (WDG_CR) Register bits for general top level chip functions and protection. Watchdog bits can only be written after first writing the appropriate code to the WDG_KR register. Address: 0x4000 6000 Reset value: 0x0000 0002 Reserved, must be kept at reset value WDGDIS: Watchdog disable WDGEN: Watchdog enable Watchdog key register (WDG_KR) Requires magic number write to arm the watchdog enable or disable function. Address: 0x4000 6004 Reset value: 0x0000 0000 Reserved, must be kept at reset value KEY[15:0]: 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 Reserved 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Reserved WDG DIS WDG EN rw rw Bits [31:2] Bit 1 Bit 0 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 Reserved 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 KEY[15:0] w wwww w w w w w w w w w w w Bits [31:16] Bits [15:0] Write 0xDEAD to disable or 0xEABE to enable. |