전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32W108HB 데이터시트(PDF) 81 Page - STMicroelectronics

부품명 STM32W108HB
상세설명  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB 데이터시트(HTML) 81 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 77Page - STMicroelectronics STM32W108HB Datasheet HTML 78Page - STMicroelectronics STM32W108HB Datasheet HTML 79Page - STMicroelectronics STM32W108HB Datasheet HTML 80Page - STMicroelectronics STM32W108HB Datasheet HTML 81Page - STMicroelectronics STM32W108HB Datasheet HTML 82Page - STMicroelectronics STM32W108HB Datasheet HTML 83Page - STMicroelectronics STM32W108HB Datasheet HTML 84Page - STMicroelectronics STM32W108HB Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
System modules
Doc ID 16252 Rev 14
81/278
Power GPIO wakeup monitoring port C register (PWR_WAKEPCR)
Address:
0x4000 BC10
Reset value:
0x0000 0000
Reserved, must be kept at reset value
PC7
PC6
PC5
PC4
PC3
PC2
PC1
1: Enables GPIO wakeup on pin GPIO[ 1] changing state
0: Disables GPIO wakeup on pin GPIO[ 1] changing state
PC0
Bit 1 PB1
1: Enables GPIO wakeup on pin GPIO[ 1] changing state
0: Disables GPIO wakeup on pin GPIO[ 1] changing state
Bit 0 PB0
1: Enables GPIO wakeup on pin GPIO[ 0] changing state
0: Disables GPIO wakeup on pin GPIO[ 0] changing state
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
PC7
PC6
PC5
PC4
PC3
PC2
PC1
PC0
rw
rw
rw
rw
rw
rw
rw
rw
Bits [31:8]
Bit 7
1: Enables GPIO wakeup on pin GPIO[ 7] changing state
0: Disables GPIO wakeup on pin GPIO[ 7] changing state
Bit 6
1: Enables GPIO wakeup on pin GPIO[ 6] changing state
0: Disables GPIO wakeup on pin GPIO[ 6] changing state
Bit 5
1: Enables GPIO wakeup on pin GPIO[ 5] changing state
0: Disables GPIO wakeup on pin GPIO[ 5] changing state
Bit 4
1: Enables GPIO wakeup on pin GPIO[ 4] changing state
0: Disables GPIO wakeup on pin GPIO[ 4] changing state
Bit 3
1: Enables GPIO wakeup on pin GPIO[ 3] changing state
0: Disables GPIO wakeup on pin GPIO[ 3] changing state
Bit 2
1: Enables GPIO wakeup on pin GPIO[ 2] changing state
0: Disables GPIO wakeup on pin GPIO[ 2] changing state
Bit 1
Bit 0
1: Enables GPIO wakeup on pin GPIO[ 0] changing state
0: Disables GPIO wakeup on pin GPIO[ 0] changing state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More