전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32W108HB 데이터시트(PDF) 80 Page - STMicroelectronics

부품명 STM32W108HB
상세설명  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB 데이터시트(HTML) 80 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 76Page - STMicroelectronics STM32W108HB Datasheet HTML 77Page - STMicroelectronics STM32W108HB Datasheet HTML 78Page - STMicroelectronics STM32W108HB Datasheet HTML 79Page - STMicroelectronics STM32W108HB Datasheet HTML 80Page - STMicroelectronics STM32W108HB Datasheet HTML 81Page - STMicroelectronics STM32W108HB Datasheet HTML 82Page - STMicroelectronics STM32W108HB Datasheet HTML 83Page - STMicroelectronics STM32W108HB Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 278 page
background image
System modules
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
80/278
Doc ID 16252 Rev 14
Power GPIO wakeup monitoring port B register (PWR_WAKEPBR)
Address:
0x4000 BC0C
Reset value:
0x0000 0000
Bit 3 PA3
1: Enables GPIO wakeup on pin GPIO[ 3] changing state
0: Disables GPIO wakeup on pin GPIO[ 3] changing state
Bit 2 PA2
1: Enables GPIO wakeup on pin GPIO[ 2] changing state
0: Disables GPIO wakeup on pin GPIO[ 2] changing state
Bit 1 PA1
1: Enables GPIO wakeup on pin GPIO[ 1] changing state
0: Disables GPIO wakeup on pin GPIO[ 1] changing state
Bit 0 PA0
1: Enables GPIO wakeup on pin GPIO[ 0] changing state
0: Disables GPIO wakeup on pin GPIO[ 0] changing state
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
PB7
PB6
PB5
PB4
PB3
PB2
PB1
PB0
rw
rw
rw
rw
rw
rw
rw
rw
Bits [31:8] Reserved, must be kept at reset value
Bit 7 PB7
1: Enables GPIO wakeup on pin GPIO[ 7] changing state
0: Disables GPIO wakeup on pin GPIO[ 7] changing state
Bit 6 PB6
1: Enables GPIO wakeup on pin GPIO[ 6] changing state
0: Disables GPIO wakeup on pin GPIO[ 6] changing state
Bit 5 PB5
1: Enables GPIO wakeup on pin GPIO[ 5] changing state
0: Disables GPIO wakeup on pin GPIO[ 5] changing state
Bit 4 PB4
1: Enables GPIO wakeup on pin GPIO[ 4] changing state
0: Disables GPIO wakeup on pin GPIO[ 4] changing state
Bit 3 PB3
1: Enables GPIO wakeup on pin GPIO[ 3] changing state
0: Disables GPIO wakeup on pin GPIO[ 3] changing state
Bit 2 PB2
1: Enables GPIO wakeup on pin GPIO[ 2] changing state
0: Disables GPIO wakeup on pin GPIO[ 2] changing state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More