전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32W108HB 데이터시트(PDF) 83 Page - STMicroelectronics

부품명 STM32W108HB
상세설명  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB 데이터시트(HTML) 83 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 79Page - STMicroelectronics STM32W108HB Datasheet HTML 80Page - STMicroelectronics STM32W108HB Datasheet HTML 81Page - STMicroelectronics STM32W108HB Datasheet HTML 82Page - STMicroelectronics STM32W108HB Datasheet HTML 83Page - STMicroelectronics STM32W108HB Datasheet HTML 84Page - STMicroelectronics STM32W108HB Datasheet HTML 85Page - STMicroelectronics STM32W108HB Datasheet HTML 86Page - STMicroelectronics STM32W108HB Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
System modules
Doc ID 16252 Rev 14
83/278
Refer to Figure 4: STM32W108xB memory mapping, Figure 5: STM32W108CC and
STM32W108CZ memory mapping, and Table 3: STM32W108xx peripheral register
boundary addresses for the register boundary addresses of the peripherals available in all
STM32W108xx devices.
0x0024
PWR_WAKECR2
Reset value
0
0x0028
PWR_WAKESR
Reset value
0
0000
0000
0
0x002C-
0x0030
0x0034
PWR_CPWRUP
REQSR
Reset value
0
0x0038
PWR_CSYSPWRUP
REQSR
Reset value
0
0x003C
PWR_CSYSPWRUP
ACKSR
Reset value
0
0x0040
PWR_CSYSPWRUP
ACKCR
Reset value
0
0x0044-
0xBC04
0xBC08
PWR_WAKEPAR
Reset value
000
0000
0
0xBC0C
PWR_WAKEPBR
Reset value
000
0000
0
0xBC10
PWR_WAKEPCR
Reset value
000
0000
0
0xBC14-
0xBC18
0xBC1C
PWR_WAKEFILTR
Reset value
000
0
Table 11.
PWR register map and reset values (continued)
Offset
Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More