| 전자부품 데이터시트 검색엔진 |
|
HC705E5GRS/D 데이터시트(PDF) 134 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705E5GRS/D 데이터시트(HTML) 134 Page - NXP Semiconductors |
|
134 / 148 page ![]() Electrical Specifications General Release Specification MC68HC705E5 — Rev. 1.0 Electrical Specifications 15.3 Maximum Ratings Maximum ratings are the extreme limits to which the MCU can be exposed without permanently damaging it. The MCU contains circuitry to protect the inputs against damage from high static voltages; however, do not apply voltages higher than those shown in the table below. Keep V IN and VOUT within the range V SS ≤ (VIN or VOUT) ≤ VDD. Connect unused inputs to the appropriate voltage level, either V SS or VDD. NOTE: This device is not guaranteed to operate properly at the maximum ratings. Refer to 15.6 DC Electrical Characteristics for guaranteed operating conditions. Rating Symbol Value Unit Supply Voltage V DD –0.3 to +7.0 V Input Voltage V IN V SS –0.3 to V DD +0.3 V Bootloader Mode (IRQ Pin Only) V IN V SS –0.3 to 2x V DD +0.3 V Current Drain Per Pin Excluding V DD and VSS I25 mA Storage Temperature Range T STG –65 to +150 °C Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |