| 전자부품 데이터시트 검색엔진 |
|
HC705E5GRS/D 데이터시트(PDF) 20 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705E5GRS/D 데이터시트(HTML) 20 Page - NXP Semiconductors |
|
20 / 148 page ![]() General Description General Release Specification MC68HC705E5 — Rev. 1.0 General Description 1.4 Mask Options The M68HC705E5 has these four mask options which are handled with five EPROM bits (MOR). 1. STOP instruction (enable/disable) 2. IRQ (edge-sensitive only or edge- and level-sensitive) 3. COP watchdog timer (enable/disable) 4. CPI Rate (1 second, 0.5 second, or 0.25 second) ROM versions of this device will have these options programmed by the factory. Refer to 13.5 Mask Option Register for additional information . NOTE: A line over a signal name indicates an active low signal. For example, RESET is active low. 1.5 Functional Pin Description Figure 1-2 shows the single-chip mode pinout for the MC68HC705E5. Refer to the following subsections for a description of the pins. Figure 1-2. Single-Chip Mode Pinout 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 PA2 PA3 PA4 PA5 PA6 PA7 PC0 PC1 PC2 PC3 OSC1 OSC2 PB7/SCL PB6/SDA PB4/SCK PB3/TIPL PB2 PB1 PB0 VDD VSS PB5/SDIO XFC VDDSYN PA0 PA1 IRQ RESET Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |