| 전자부품 데이터시트 검색엔진 |
|
HC705E5GRS/D 데이터시트(PDF) 17 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705E5GRS/D 데이터시트(HTML) 17 Page - NXP Semiconductors |
|
17 / 148 page ![]() MC68HC705E5 — Rev. 1.0 General Release Specification General Description General Release Specification — MC68HC705E5 Section 1. General Description 1.1 Contents 1.2 Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .17 1.3 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .18 1.4 Mask Options . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .20 1.5 Functional Pin Description . . . . . . . . . . . . . . . . . . . . . . . . . . . .20 1.5.1 VDD and VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .21 1.5.2 IRQ/VPP. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .21 1.5.3 OSC1 and OSC2. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .22 1.5.4 RESET . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .23 1.5.5 PA0–PA7. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .23 1.5.6 PB0–PB7. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .23 1.5.7 PC0–PC3 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .23 1.5.8 XFC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .24 1.5.9 VDDSYN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .24 1.2 Introduction The MC68HC705E5 is a low-cost introduction to the M68HC05 Family of microcontrollers (MCUs). The HC05 central processing unit (CPU) core has been enhanced with a 15-stage multifunctional timer and programmable phase-locked loop (PLL). The MCU is available in a 28-pin package and has two 8-bit input/output (I/O) ports and one 4-bit I/O port. The 8-Kbyte memory map consists of user eraseable, programmable read-only memory (EPROM), random-access memory (RAM), bootloader ROM, and I/O. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |