| 전자부품 데이터시트 검색엔진 |
|
HC705E5GRS/D 데이터시트(PDF) 33 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705E5GRS/D 데이터시트(HTML) 33 Page - NXP Semiconductors |
|
33 / 148 page ![]() MC68HC705E5 — Rev. 1.0 General Release Specification Interrupts General Release Specification — MC68HC705E5 Section 4. Interrupts 4.1 Contents 4.2 Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .33 4.3 Hardware Controlled Interrupt Sequence . . . . . . . . . . . . . . . . .35 4.4 Software Interrupt (SWI) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .35 4.5 External Interrupt . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .36 4.6 Timer Interrupt . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .36 4.7 Custom Periodic Interrupt (CPI) . . . . . . . . . . . . . . . . . . . . . . . .39 4.8 Synchronous Serial Interface Interrupt (SSI) . . . . . . . . . . . . . .40 4.9 M-Bus (I2C) Interrupt (M Bus). . . . . . . . . . . . . . . . . . . . . . . . . .40 4.10 Operation During Stop Mode . . . . . . . . . . . . . . . . . . . . . . . . . .40 4.11 Operation During Wait Mode . . . . . . . . . . . . . . . . . . . . . . . . . .40 4.2 Introduction The MCU can be interrupted six different ways: the five maskable hardware interrupts (IRQ, timer, CPI, SSI, and M bus) and the nonmaskable software interrupt instruction (SWI). Interrupts cause the processor to save register contents on the stack and to set the interrupt mask (I bit) to prevent additional interrupts. The RTI instruction causes the register contents to be recovered from the stack and normal processing to resume. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |