전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCS08 데이터시트(PDF) 283 Page - Motorola, Inc

부품명 HCS08
상세설명  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 데이터시트(HTML) 283 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 279Page - Motorola, Inc HCS08 Datasheet HTML 280Page - Motorola, Inc HCS08 Datasheet HTML 281Page - Motorola, Inc HCS08 Datasheet HTML 282Page - Motorola, Inc HCS08 Datasheet HTML 283Page - Motorola, Inc HCS08 Datasheet HTML 284Page - Motorola, Inc HCS08 Datasheet HTML 285Page - Motorola, Inc HCS08 Datasheet HTML 286Page - Motorola, Inc HCS08 Datasheet HTML 287Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 290 page
background image
Data Sheet — MC9S08GB60/D V1.5
MOTOROLA
283
MC9S08GB/GT
Appendix B Ordering Information and Mechanical
Drawings
B.1 Ordering Information
This section contains ordering numbers for MC9S08GB60, MC9S08GB32, MC9S08GT60, and
MC9S08GT32 devices. See below for an example of the device numbering system.
Temperature and package designators:
C = –40
°C to 85°C
FU = 64-pin Low Quad Flat Package (LQFP)
FB = 44-pin Quad Flat Package (QFP)
B = 42-pin Skinny Dual In-Line Package (SDIP)
MC = Fully qualified
B.2 Mechanical Drawings
This appendix contains mechanical specifications for MC9S08GB/GT MCU.
Table 15-4
MC Order Number
FLASH
Memory
RAM
TPM
Available
Package
Type
(Part Number
Suffix)
MC9S08GB60
60K
4K
One 3-channel and one
5-channel 16-bit timer
64 LQFP (FU)
MC9S08GB32
32K
2K
One 3-channel and one
5-channel 16-bit timer
64 LQFP (FU)
MC9S08GT60
60K
4K
Two 2-channel/16-bit timers
44 QFP (FB)
42 SDIP (B)
MC9S08GT32
32K
2K
Two 2-channel/16-bit timers
44 QFP (FB)
42 SDIP (B)
MC 9 S08 GB60 C XX
Package designator
Temperature range
Family
Memory
Status
Core



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com