전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCS08 데이터시트(PDF) 285 Page - Motorola, Inc

부품명 HCS08
상세설명  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 데이터시트(HTML) 285 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 281Page - Motorola, Inc HCS08 Datasheet HTML 282Page - Motorola, Inc HCS08 Datasheet HTML 283Page - Motorola, Inc HCS08 Datasheet HTML 284Page - Motorola, Inc HCS08 Datasheet HTML 285Page - Motorola, Inc HCS08 Datasheet HTML 286Page - Motorola, Inc HCS08 Datasheet HTML 287Page - Motorola, Inc HCS08 Datasheet HTML 288Page - Motorola, Inc HCS08 Datasheet HTML 289Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 290 page
background image
Data Sheet — MC9S08GB60/D V1.5
MOTOROLA
285
MC9S08GB/GT
B.4 44-Pin QFP Package Drawing
NOTES:
1.
DIMENSIONING AND TOLERANCING PER ANSI Y14.5M,
1982.
2.
CONTROLLING DIMENSION: MILLIMETER.
3.
DATUM PLANE -H- IS LOCATED AT BOTTOM OF LEAD
AND IS COINCIDENT WITH THE LEAD WHERE THE LEAD
EXITS THE PLASTIC BODY AT THE BOTTOM OF THE
PARTING LINE.
4.
DATUMS -A-, -B- AND -D- TO BE DETERMINED AT DATUM
PLANE -H-.
5.
DIMENSIONS S AND V TO BE DETERMINED AT SEATING
PLANE -C-.
6.
DIMENSIONS A AND B DO NOT INCLUDE MOLD
PROTRUSION. ALLOWABLE PROTRUSION IS 0.25 (0.010)
PER SIDE. DIMENSIONS A AND B DO INCLUDE MOLD
MISMATCH AND ARE DETERMINED AT DATUM PLANE
-H-.
7.
DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR PROTRUSION
SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE D
DIMENSION AT MAXIMUM MATERIAL CONDITION.
DAMBAR CANNOT BE LOCATED ON THE LOWER RADIUS
OR THE FOOT.
L
33
34
23
22
44
111
12
DETAIL A
-D-
-A-
A
S
A-B
M
0.20 (0.008)
D S
C
S
A-B
M
0.20 (0.008)
D S
H
0.05 (0.002) A-B
S
-B-
-C-
SEATING
PLANE
M
M
E
H
G
C
-H-
DATUM
PLANE
DETAIL C
0.01 (0.004)
M
-H-
DATUM
PLANE
T
R
K
Q
W
X
DETAIL C
CASE 824A-01
ISSUE O
DATE 11/19/90
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
9.90
10.10
0.390
0.398
B
9.90
10.10
0.390
0.398
C
2.10
2.45
0.083
0.096
D
0.30
0.45
0.012
0.018
E
2.00
2.10
0.079
0.083
F
0.30
0.40
0.012
0.016
G
0.80 BSC
0.031 BSC
H
---
0.25
---
0.010
J
0.013
0.23
0.005
0.009
K
0.65
0.95
0.026
0.037
L
8.00 REF
0.315 REF
M
510
5
10
N
0.13
0.17
0.005
0.007
Q
07
07
R
0.13
0.30
0.005
0.012
S
12.95
13.45
0.510
0.530
T
0.13
---
0.005
---
U
0
---
0
---
V
12.95
13.45
0.510
0.530
W
0.40
---
0.016
---
X
1.6 REF
0.063 REF
DETAIL A
B
B
-A-, -B-, -D-
S
A-B
M
0.20 (0.008)
D S
C
F
N
SECTION B-B
J
D
BASE METAL
°°
°°
°°
°
°
°°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com