전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCS08 데이터시트(PDF) 140 Page - Motorola, Inc

부품명 HCS08
상세설명  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 데이터시트(HTML) 140 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 136Page - Motorola, Inc HCS08 Datasheet HTML 137Page - Motorola, Inc HCS08 Datasheet HTML 138Page - Motorola, Inc HCS08 Datasheet HTML 139Page - Motorola, Inc HCS08 Datasheet HTML 140Page - Motorola, Inc HCS08 Datasheet HTML 141Page - Motorola, Inc HCS08 Datasheet HTML 142Page - Motorola, Inc HCS08 Datasheet HTML 143Page - Motorola, Inc HCS08 Datasheet HTML 144Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 290 page
background image
Parallel Input/Output
MC9S08GB/GT
140
MOTOROLA
Figure 8-11 Port C Registers
PTCDn — Port C Data Register Bit n (n = 0–7)
For port C pins that are inputs, reads return the logic level on the pin. For port C pins that are configured
as outputs, reads return the last value written to this register.
Writes are latched into all bits of this register. For port C pins that are configured as outputs, the logic
level is driven out the corresponding MCU pin.
Reset forces PTCD to all 0s, but these 0s are not driven out the corresponding pins because reset also
configures all port pins as high-impedance inputs with pullups disabled.
PTCPEn — Pullup Enable for Port C Bit n (n = 0–7)
For port C pins that are inputs, these read/write control bits determine whether internal pullup devices
are enabled. For port C pins that are configured as outputs, these bits are ignored and the internal pullup
devices are disabled.
1 = Internal pullup device enabled.
0 = Internal pullup device disabled.
PTCSEn — Slew Rate Control Enable for Port C Bit n (n = 0–7)
For port C pins that are outputs, these read/write control bits determine whether the slew rate controlled
outputs are enabled. For port B pins that are configured as inputs, these bits are ignored.
1 = Slew rate control enabled.
0 = Slew rate control disabled.
PTCD
Bit 7
654321
Bit 0
Read:
PTCD7
PTCD6
PTCD5
PTCD4
PTCD3
PTCD2
PTCD1
PTCD0
Write:
Reset:
00000000
PTCPE
Read:
PTCPE7
PTCPE6
PTCPE5
PTCPE4
PTCPE3
PTCPE2
PTCPE1
PTCPE0
Write:
Reset:
00000000
PTCSE
Read:
PTCSE7
PTCSE6
PTCSE5
PTCSE4
PTCSE3
PTCSE2
PTCSE1
PTCSE0
Write:
Reset:
00000000
PTCDD
Read:
PTCDD7
PTCDD6
PTCDD5
PTCDD4
PTCDD3
PTCDD2
PTCDD1
PTCDD0
Write:
Reset:
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com