전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCS08 데이터시트(PDF) 157 Page - Motorola, Inc

부품명 HCS08
상세설명  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 데이터시트(HTML) 157 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 153Page - Motorola, Inc HCS08 Datasheet HTML 154Page - Motorola, Inc HCS08 Datasheet HTML 155Page - Motorola, Inc HCS08 Datasheet HTML 156Page - Motorola, Inc HCS08 Datasheet HTML 157Page - Motorola, Inc HCS08 Datasheet HTML 158Page - Motorola, Inc HCS08 Datasheet HTML 159Page - Motorola, Inc HCS08 Datasheet HTML 160Page - Motorola, Inc HCS08 Datasheet HTML 161Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 290 page
background image
Data Sheet — MC9S08GB60/D V1.5
MOTOROLA
157
MC9S08GB/GT
10.3 TPM Block Diagram
The TPM uses one input/output (I/O) pin per channel, TPMxCHn where x is the TPM number (for
example, 1 or 2) and n is the channel number (for example, 0–4). The TPM shares its I/O pins with
general-purpose I/O port pins (refer to the Pins and Connections section for more information).
Figure 10-2 shows the structure of a TPM. Some MCUs include more than one TPM, with various
numbers of channels.
Figure 10-2 TPM Block Diagram
PRESCALE AND SELECT
16-BIT COMPARATOR
MAIN 16-BIT COUNTER
16-BIT COMPARATOR
16-BIT LATCH
PORT
16-BIT COMPARATOR
16-BIT LATCH
CHANNEL 0
CHANNEL 1
LOGIC
INTERRUPT
PORT
LOGIC
16-BIT COMPARATOR
16-BIT LATCH
CHANNEL n
PORT
LOGIC
COUNTER RESET
DIVIDE BY
CLOCK SOURCE
OFF, BUS, XCLK, EXT
BUSCLK
XCLK
SELECT
SYNC
INTERRUPT
INTERRUPT
INTERRUPT
1, 2, 4, 8, 16, 32, 64, or 128
LOGIC
LOGIC
LOGIC
LOGIC
CLKSA
CLKSB
PS2
PS1
PS0
CPWMS
TOIE
TOF
ELS0A
CH0F
ELS0B
ELS1B
ELS1A
ELSnB
ELSnA
CH1F
CHnF
CH0IE
CH1IE
CHnIE
MS1B
MS0B
MSnB
MS0A
MS1A
MSnA
TPMxMODH:TPMxMODL
TPMx) EXT CLK
TPMxC0VH:TPMxC0VL
TPMxC1VH:TPMxC1VL
TPMxCnVH:TPMxCnVL
TPMxCHn
TPMxCH1
TPMxCH0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More