| 전자부품 데이터시트 검색엔진 |
|
AT697F 데이터시트(PDF) 9 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT697F 데이터시트(HTML) 9 Page - ATMEL Corporation |
|
9 / 155 page ![]() 9 7703C–AERO–6/09 AT697F ADVANCE INFORMATION Table 6. AT697E MQFP256 pinout pin number pin name pin number pin name pin number pin name 190 PCI_AGNT*[1] 213 A/D[12] 236 A/D[19] 191 PCI_AREQ*[0] 214 A/D[13] 237 SYSEN* 192 PCI_AGNT*[0] 215 A/D[14] 238 A/D[20] 193 A/D[0] 216 A/D[15] 239 VCC33 194 VCC33 217 VCC33 240 A/D[21] 195 A/D[1] 218 C/BE*[1] 241 A/D[22] 196 A/D[2] 219 PAR 242 A/D[23] 197 A/D[3] 220 SERR* 243 IDSEL 198 A/D[4] 221 PERR* 244 C/BE*[3] 199 VSS 222 VCC33 245 VCC33 200 VDD18 223 PCI_LOCK* 246 A/D[24] 201 VCC33 224 STOP* 247 A/D[25] 202 A/D[5] 225 DEVSEL* 248 A/D[26] 203 A/D[6] 226 TRDY* 249 VSS 204 A/D[7] 227 VCC33 250 VDD18 205 C/BE*[0] 228 IRDY* 251 A/D[27] 206 VSS 229 FRAME* 252 VCC33 207 VCC33 230 VSS 253 A/D[28] 208 A/D[8] 231 C/BE*[2] 254 A/D[29] 209 A/D[9] 232 A/D[16] 255 A/D[30] 210 A/D[10] 233 VCC33 256 A/D[31] 211 A/D[11] 234 A/D[17] 212 VCC33 235 A/D[18] Notes: 1. ‘Reserved’ pins shall not be driven to any voltage 2. N.C. refers to unconnected pins |