전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC8569E 데이터시트(PDF) 105 Page - Freescale Semiconductor, Inc

부품명 MPC8569E
상세설명  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E 데이터시트(HTML) 105 Page - Freescale Semiconductor, Inc

Back Button MPC8569E Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 109Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 127 page
background image
Enhanced Local Bus Controller
MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
105
For output signals, each type of controller provides its own unique method to control the signal timing. The final signal delay
value for output signals is the programmed delay plus the AC timing delay. For example, for GPCM, LCS can be programmed
to delay by tacs (0, ¼, ½, 1, 1 + ¼, 1 + ½, 2, 3 cycles), so the final delay is tacs + tLBKHOV.
The following figure shows how the AC timing diagram applies to GPCM. The same principle applies to UPM and FCM.
Figure 58. GPCM Output Timing Diagram (PLL Enabled)
2.15.2.3
Enhanced Local Bus AC Timing Specifications for PLL Bypass Mode
All output signal timings are relative to the falling edge of any LCLKs for PLL bypass mode. The external circuit must use the
rising edge of the LCLKs to latch the data.
All input timings except LUPWAIT/LFRB are relative to the rising edge of LCLKs. LUPWAIT/LFRB are relative to the falling
edge of LCLKs.
tarcs +tLBKHOV
LSYNC_IN
LAD[0:31]
LBCTL
tLBONOT
LCS_B
LGPL2/LOE_B
address
taddr
taoe +tLBKHOV
LWE_B
tawcs +tLBKHOV
tLBONOT
address
taddr
tawe+tLBKHOV
tLBKHOX
trc
toen
read data
write data
twen
twc
write
read
LALE
1 t
addr is programmable and determined by LCRR[EADC] and ORx[EAD].
2 t
arcs, tawcs, taoe, trc, toen, tawe, twc, twen are determined by ORx. Refer to reference manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More