전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AFE4490 데이터시트(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
부품명 AFE4490
상세설명  Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

AFE4490 데이터시트(HTML) 40 Page - Texas Instruments

Back Button AFE4490 Datasheet HTML 36Page - Texas Instruments AFE4490 Datasheet HTML 37Page - Texas Instruments AFE4490 Datasheet HTML 38Page - Texas Instruments AFE4490 Datasheet HTML 39Page - Texas Instruments AFE4490 Datasheet HTML 40Page - Texas Instruments AFE4490 Datasheet HTML 41Page - Texas Instruments AFE4490 Datasheet HTML 42Page - Texas Instruments AFE4490 Datasheet HTML 43Page - Texas Instruments AFE4490 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 69 page
background image
A7
A6
A1
A0
SPISTE
SPISIMO
SCLK
'RQ¶W FDUH, can be high or low.
D23
D22
D17
D16
D15
D14
D9
D8
D7
D6
D1
D0
SPISOMI
AFE4400
SBAS601D – DECEMBER 2012 – REVISED MAY 2013
www.ti.com
Reading Data
The AFE4400 includes a mode where the contents of the internal registers can be read back on the SPISOMI
pin. This mode may be useful as a diagnostic check to verify the serial interface communication between the
external controller and the AFE. To enable this mode, first set the SPI_READ register bit using the SPI write
command, as described in the Writing Data section. In the next command, specify the SPI register address with
the desired content to be read. Within the same SPI command sequence, the AFE outputs the contents of the
specified register on the SPISOMI pin. Figure 54 shows a timing diagram for the SPI read operation.
(1) The SPI_READ register bit must be enabled before attempting a serial readout from the AFE.
(2) Specify the register address of the content that must be readback on bits A[7:0].
(3) The AFE outputs the contents of the specified register on the SPISOMI pin.
Figure 54. AFE SPI Read Timing Diagram
Register Initialization
After power-up, the internal registers must be initialized to the default values. This initialization can be done in
one of two ways:
Through a hardware reset by applying a low-going pulse on the RESET pin, or
By applying a software reset. Using the serial interface, set SW_RESET (bit D3 in register 00h) high. This
setting initializes the internal registers to the default values and then self-resets to '0'. In this case, the RESET
pin is kept high (inactive).
AFE SPI Interface Design Considerations
Note that when the AFE4400 is deselected, the SPISOMI, CLKOUT, ADC_RDY, PD_ALM, LED_ALM, and
DIAG_END digital output pins do not enter a 3-state mode. This condition, therefore, must be taken into account
when connecting multiple devices to the SPI port and for power-management considerations.
AFE REGISTER MAP
The AFE consists of a set of registers that can be used to configure it, such as receiver timings, I-V amplifier
settings, transmit LED currents, and so forth. The registers and their contents are listed in Table 4. These
registers can be accessed using the AFE SPI interface.
40
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: AFE4400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com