전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AFE4490 데이터시트(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
부품명 AFE4490
상세설명  Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

AFE4490 데이터시트(HTML) 56 Page - Texas Instruments

Back Button AFE4490 Datasheet HTML 52Page - Texas Instruments AFE4490 Datasheet HTML 53Page - Texas Instruments AFE4490 Datasheet HTML 54Page - Texas Instruments AFE4490 Datasheet HTML 55Page - Texas Instruments AFE4490 Datasheet HTML 56Page - Texas Instruments AFE4490 Datasheet HTML 57Page - Texas Instruments AFE4490 Datasheet HTML 58Page - Texas Instruments AFE4490 Datasheet HTML 59Page - Texas Instruments AFE4490 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 69 page
background image
´ Full-Scale Current
LED2[7:0]
256
´ Full-Scale Current
LED1[7:0]
256
AFE4400
SBAS601D – DECEMBER 2012 – REVISED MAY 2013
www.ti.com
LEDCNTRL: LED Control Register (Address = 22h, Reset Value = 0000h)
D23
D22
D21
D20
D19
D18
D17
D16
D15
D14
D13
D12
LEDCUR
0
0
0
0
0
0
1
LED1[7:0]
OFF
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
LED1[7:0]
LED2[7:0]
This register sets the LED current range and the LED1 and LED2 drive current.
Bits D[23:18]
Must be '0'
Bit D17
LEDCUROFF: Turns the LED current source on or off
0 = On (50 mA)
1 = Off
Bit D16
Must be '1'
Bits D[15:8]
LED1[7:0]: Program LED current for LED1 signal
Use these register bits to specify the LED current setting for LED1 (default after reset is
00h).
The nominal value of the LED current is given by Equation 3, where the full-scale LED
current is 50 mA.
Bits D[7:0]
LED2[7:0]: Program LED current for LED2 signal
Use these register bits to specify the LED current setting for LED2 (default after reset is
00h).
The nominal value of LED current is given by Equation 4, where the full-scale LED current is
50 mA.
(3)
(4)
56
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: AFE4400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com