전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AFE4490 데이터시트(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
부품명 AFE4490
상세설명  Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

AFE4490 데이터시트(HTML) 23 Page - Texas Instruments

Back Button AFE4490 Datasheet HTML 19Page - Texas Instruments AFE4490 Datasheet HTML 20Page - Texas Instruments AFE4490 Datasheet HTML 21Page - Texas Instruments AFE4490 Datasheet HTML 22Page - Texas Instruments AFE4490 Datasheet HTML 23Page - Texas Instruments AFE4490 Datasheet HTML 24Page - Texas Instruments AFE4490 Datasheet HTML 25Page - Texas Instruments AFE4490 Datasheet HTML 26Page - Texas Instruments AFE4490 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 69 page
background image
8-MHz Crystal
Timer
Module
Diagnostics
Module
ADC
Oscillator
Divide-
by-2
CLKOUT
4 MHz
XIN
XOUT
AFE4400
www.ti.com
SBAS601D – DECEMBER 2012 – REVISED MAY 2013
CLOCKING AND TIMING SIGNAL GENERATION
The crystal oscillator generates a master clock signal using an external 8-MHz crystal. A divide-by-2 block
converts the 8-MHz clock to 4 MHz, which is used by the AFE to operate the timer modules, ADC, and
diagnostics. The 4-MHz clock is buffered and output from the AFE in order to clock an external microcontroller.
The clocking functionality is shown in Figure 37.
Figure 37. AFE Clocking
TIMER MODULE
See Figure 38 for a timing diagram detailing the various timing edges that are programmable using the timer
module. The rising and falling edge positions of 11 signals can be controlled. The module uses a single 16-bit
counter (running off of the 4-MHz clock) to set the time-base.
All timing signals are set with reference to the pulse repetition period (PRP). Therefore, a dedicated compare
register compares the 16-bit counter value with the reference value specified in the PRF register. Every time that
the 16-bit counter value is equal to the reference value in the PRF register, the counter is reset to '0'.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: AFE4400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com